Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 9 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments LMX2572LP Datasheet HTML 10Page - Texas Instruments LMX2572LP Datasheet HTML 11Page - Texas Instruments LMX2572LP Datasheet HTML 12Page - Texas Instruments LMX2572LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D037
675 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D038
737.5 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D035
550 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D036
612.5 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D033
425 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
D034
487.5 MHz
9
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, unless otherwise noted
Figure 3. Open-Loop VCO Phase Noise at 425 MHz
Figure 4. Open-Loop VCO Phase Noise at 487.5 MHz
Figure 5. Open-Loop VCO Phase Noise at 550 MHz
Figure 6. Open-Loop VCO Phase Noise at 612.5 MHz
Figure 7. Open-Loop VCO Phase Noise at 675 MHz
Figure 8. Open-Loop VCO Phase Noise at 737.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com