Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 18 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 14Page - Texas Instruments SLAS455D Datasheet HTML 15Page - Texas Instruments SLAS455D Datasheet HTML 16Page - Texas Instruments SLAS455D Datasheet HTML 17Page - Texas Instruments SLAS455D Datasheet HTML 18Page - Texas Instruments SLAS455D Datasheet HTML 19Page - Texas Instruments SLAS455D Datasheet HTML 20Page - Texas Instruments SLAS455D Datasheet HTML 21Page - Texas Instruments SLAS455D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
supply current into AVCC + DVCC excluding external current
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
I
Active mode, (see Note 1)
f(MCLK) = f(SMCLK) = 1 MHz,
T
40
°Cto85°C
VCC = 2.2 V
250
370
A
I(AM)
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
XTS=0, SELM=(0,1)
TA = −40°C to 85°C
VCC = 3 V
400
520
μA
I
Low-power mode, (LPM0)
T
40
°Cto85°C
VCC = 2.2 V
55
70
A
I(LPM0)
Low power mode, (LPM0)
(see Note 1 and Note 4)
TA = −40°C to 85°C
VCC = 3 V
95
110
μA
I
Low-power mode, (LPM2),
f(MCLK) = f (SMCLK) = 0 MHz,
T
40
°Cto85°C
VCC = 2.2 V
11
14
A
I(LPM2)
f(MCLK) = f (SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 0
(see Note 2 and Note 4)
TA = −40°C to 85°C
VCC = 3 V
17
22
μA
TA = −40°C
1.0
2.0
Low-power mode, (LPM3)
TA = 25°C
V
22V
1.1
2.0
Low-power mode, (LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
TA = 60°C
VCC = 2.2 V
2.0
3.0
I
f(MCLK)
f(SMCLK)
0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
Basic Timer1 enabled ACLK selected
TA = 85°C
3.5
6.0
A
I(LPM3)
Basic Timer1 enabled , ACLK selected
LCD A enabled, LCDCPEN = 0:
TA = −40°C
1.8
2.8
μA
LCD_A enabled, LCDCPEN = 0:
(static mode ; fLCD = f(ACLK)/32)
TA = 25°C
V
3V
1.6
2.7
(; LCD
(ACLK)
)
(see Note 2, Note 3, and Note 4)
TA = 60°C
VCC = 3 V
2.5
3.5
TA = 85°C
4.2
7.5
Low-power mode, (LPM3)
TA = −40°C
2.5
3.5
Low-power mode, (LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
TA = 25°C
VCC = 2.2 V
2.5
3.5
I
f(MCLK)
f(SMCLK)
0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
Basic Timer1 enabled ACLK selected
TA = 85°C
VCC
2.2 V
3.8
6.0
A
I(LPM3)
Basic Timer1 enabled , ACLK selected
LCD A enabled, LCDCPEN = 0:
TA = −40°C
2.9
4.0
μA
LCD_A enabled, LCDCPEN = 0:
(4-mux mode; fLCD = f(ACLK)/32)
TA = 25°C
VCC = 3 V
2.9
4.0
(; LCD
(ACLK)
)
(see Note 2, Note 3, and Note 4)
TA = 85°C
VCC
3 V
4.4
7.5
TA = −40°C
0.1
0.5
TA = 25°C
V
22V
0.1
0.5
TA = 60°C
VCC = 2.2 V
0.7
1.1
I
Low-power mode, (LPM4)
f
0 MHz f
0 MHz
TA = 85°C
1.7
3.0
A
I(LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
f(ACLK) = 0 Hz, SCG0 = 1 (see Note 2 and Note 4)
TA = −40°C
0.1
0.8
μA
f(ACLK) = 0 Hz, SCG0 = 1 (see Note 2 and Note 4)
TA = 25°C
V
3V
0.1
0.8
TA = 60°C
VCC = 3 V
0.8
1.2
TA = 85°C
1.9
3.5
NOTES:
1. Timer_A is clocked by f(DCOCLK) = f(DCO) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
2. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
3. The LPM3 currents are characterized with a Micro Crystal CC4V−T1A (9pF) crystal and OSCCAPx=01h.
4. Current for brownout included.
Current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
Current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 175 μA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com