Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 30 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 30 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 26Page - Texas Instruments SLAS455D Datasheet HTML 27Page - Texas Instruments SLAS455D Datasheet HTML 28Page - Texas Instruments SLAS455D Datasheet HTML 29Page - Texas Instruments SLAS455D Datasheet HTML 30Page - Texas Instruments SLAS455D Datasheet HTML 31Page - Texas Instruments SLAS455D Datasheet HTML 32Page - Texas Instruments SLAS455D Datasheet HTML 33Page - Texas Instruments SLAS455D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SD16_A, temperature sensor
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TCSensor
Sensor temperature
coefficient
1.18
1.32
1.46
mV/K
VOffset,sensor
Sensor offset voltage
−100
100
mV
St
t
lt
Temperature sensor voltage at TA = 85°C
3 V
435
475
515
VSensor
Sensor output voltage
(see Note 2)
Temperature sensor voltage at TA = 25°C
3 V
355
395
435
mV
VSensor
(see Note 2)
Temperature sensor voltage at TA = 0°C
3 V
320
360
400
mV
NOTES:
1. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV]
2. Results based on characterization and/or production test, not TCSensor or VOffset,sensor.
SD16_A, built-in voltage reference
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF
Internal reference
voltage
SD16REFON = 1, SD16VMIDON = 0
3 V
1.14
1.20
1.26
V
IREF
Reference supply
current
SD16REFON = 1, SD16VMIDON = 0
3 V
175
260
μA
TC
Temperature coefficient
SD16REFON = 1, SD16VMIDON = 0
3 V
18
50
ppm/K
CREF
VREF load capacitance
SD16REFON = 1, SD16VMIDON = 0 (see Note 1)
100
nF
ILOAD
VREF(I) maximum load
current
SD16REFON = 1, SD16VMIDON = 0
3 V
±200
nA
tON
Turn on time
SD16REFON = 0−>1, SD16VMIDON = 0,
CREF = 100nF
3 V
5
ms
DC PSR
DC power supply
rejection,
ΔVREF/ΔVCC
SD16REFON = 1, SD16VMIDON = 0, VCC = 2.5 V to 3.6 V
100
uV/V
NOTES:
1. There is no capacitance required on VREF. However, a capacitance of at least 100nF is recommended to reduce any reference
voltage noise.
SD16_A, reference output buffer
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF,BUF
Reference buffer output
voltage
SD16REFON = 1, SD16VMIDON = 1
3 V
1.2
V
IREF,BUF
Reference Supply +
Reference output buffer
quiescent current
SD16REFON = 1, SD16VMIDON = 1
3 V
385
600
μA
CREF(O)
Required load
capacitance on VREF
SD16REFON = 1, SD16VMIDON = 1
470
nF
ILOAD,Max
Maximum load current
on VREF
SD16REFON = 1, SD16VMIDON = 1
3 V
±1
mA
Maximum voltage varia-
tion vs. load current
|ILOAD| = 0 to 1mA
3 V
−15
+15
mV
tON
Turn on time
SD16REFON = 0−>1; SD16VMIDON = 1;
CREF = 470nF
3 V
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com