Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 33 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 33 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 29Page - Texas Instruments SLAS455D Datasheet HTML 30Page - Texas Instruments SLAS455D Datasheet HTML 31Page - Texas Instruments SLAS455D Datasheet HTML 32Page - Texas Instruments SLAS455D Datasheet HTML 33Page - Texas Instruments SLAS455D Datasheet HTML 34Page - Texas Instruments SLAS455D Datasheet HTML 35Page - Texas Instruments SLAS455D Datasheet HTML 36Page - Texas Instruments SLAS455D Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
12-bit DAC, linearity specifications (see Figure 12)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Resolution
(12-bit Monotonic)
12
bits
INL
Integral nonlinearity
(see Note 1)
VREF,DAC12 = 1.2V
DAC12AMPx = 7, DAC12IR = 1
2.7V
±2.0
±8.0
LSB
DNL
Differential nonlinearity
(see Note 1)
VREF,DAC12 = 1.2V
DAC12AMPx = 7, DAC12IR = 1
2.7V
±0.4
±1.0
LSB
EO
Offset voltage w/o
calibration
(see Notes 1, 2)
VREF,DAC12 = 1.2V
DAC12AMPx = 7, DAC12IR = 1
2.7V
±20
mV
Offset voltage with
calibration
(see Notes 1, 2)
VREF,DAC12 = 1.2V
DAC12AMPx = 7, DAC12IR = 1
2.7V
±2.5
mV
dE(O)/dT
Offset error
temperature coefficient
(see Note 1)
2.7V
±30
μV/C
EG
Gain error (see Note 1)
VREF,DAC12 = 1.2V
2.7V
±3.50 % FSR
dE(G)/dT
Gain temperature
coefficient (see Note 1)
2.7V
10
ppm of
FSR/
°C
Time for offset calibration
DAC12AMPx=2
2.7V
100
tOffset_Cal
Time for offset calibration
(see Note 3)
DAC12AMPx=3,5
2.7V
32
ms
tOffset_Cal
(see Note 3)
DAC12AMPx=4,6,7
2.7V
6
ms
NOTES:
1. Parameters calculated from the best-fit curve from 0x0A to 0xFFF. The best-fit curve method is used to deliver coefficients “a” and
“b” of the first order equation: y = a + b*x. VDAC12_xOUT = EO + (1 + EG) * (VREF,DAC12/4095) * DAC12_xDAT, DAC12IR = 1.
2. The offset calibration works on the output operational amplifier. Offset Calibration is triggered setting bit DAC12CALON
3. The offset calibration can be done if DAC12AMPx = {2, 3, 4, 5, 6, 7}. The output operational amplifier is switched off with
DAC12AMPx ={0, 1}. It is recommended that the DAC12 module be configured prior to initiating calibration. Port activity during
calibration may effect accuracy and is not recommended.
Positive
Negative
VR+
Gain Error
Offset Error
DAC Code
DAC VOUT
Ideal transfer
function
RLoad =
AVCC
CLoad = 100pF
2
DAC Output
Figure 12. Linearity Test Load Conditions and Gain/Offset Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com