Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 51 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 51 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 47Page - Texas Instruments SLAS455D Datasheet HTML 48Page - Texas Instruments SLAS455D Datasheet HTML 49Page - Texas Instruments SLAS455D Datasheet HTML 50Page - Texas Instruments SLAS455D Datasheet HTML 51Page - Texas Instruments SLAS455D Datasheet HTML 52Page - Texas Instruments SLAS455D Datasheet HTML 53Page - Texas Instruments SLAS455D Datasheet HTML 54Page - Texas Instruments SLAS455D Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Port P6 pin schematic: P6.1, P6.3, input/output with Schmitt−trigger and analog functions
Bus
Keeper
EN
Direction
0: Input
1: Output
P6SEL.x
1
0
P6DIR.x
P6IN.x
INCH=0/1 #
Ay−#
Pad Logic
1
0
DV SS
P6OUT.x
Note: x = 1,3
y = 0,1
#Signal from or to SD16
P6.1/A0−
P6.3/A1−
Port P6 (P6.1, P6.3) pin functions
PIN NAME (P6 X)
X
FUNCTION
CONTROL BITS / SIGNALS
PIN NAME (P6.X)
X
FUNCTION
P6DIR.x
P6SEL.x
P6.1/A0−
1
P6.1† Input/Output
0/1
0
A0− (see Note 3)
X
1
P6.3/A1−
3
P6.3† Input/Output
0/1
0
A1− (see Note 3)
X
1
† Default after reset (PUC/POR)
NOTES:
1. N/A: Not available or not applicable.
2. X: Don’t care.
3. Setting the P6SEL.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when
applying analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com