Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 59 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 59 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 55Page - Texas Instruments SLAS455D Datasheet HTML 56Page - Texas Instruments SLAS455D Datasheet HTML 57Page - Texas Instruments SLAS455D Datasheet HTML 58Page - Texas Instruments SLAS455D Datasheet HTML 59Page - Texas Instruments SLAS455D Datasheet HTML 60Page - Texas Instruments SLAS455D Datasheet HTML 61Page - Texas Instruments SLAS455D Datasheet HTML 62Page - Texas Instruments SLAS455D Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
MSP430F4250IDLR
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
MSP430F4250IDLRG4
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
MSP430F4250IRGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
MSP430F4250IRGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
MSP430F4260IDLR
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
MSP430F4260IRGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
MSP430F4260IRGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
MSP430F4270IDLR
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
MSP430F4270IRGZR
VQFN
RGZ
48
2500
330.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
MSP430F4270IRGZT
VQFN
RGZ
48
250
180.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com