Electronic Components Datasheet Search
  English  ▼

X  

SLAS455D Datasheet(PDF) 35 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 35 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 31Page - Texas Instruments SLAS455D Datasheet HTML 32Page - Texas Instruments SLAS455D Datasheet HTML 33Page - Texas Instruments SLAS455D Datasheet HTML 34Page - Texas Instruments SLAS455D Datasheet HTML 35Page - Texas Instruments SLAS455D Datasheet HTML 36Page - Texas Instruments SLAS455D Datasheet HTML 37Page - Texas Instruments SLAS455D Datasheet HTML 38Page - Texas Instruments SLAS455D Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
12-bit DAC, output specifications
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
No Load, VREF,DAC12 = AVCC,
DAC12_xDAT = 0h, DAC12IR = 1,
DAC12AMPx = 7
2.2V/3V
0
0.005
V
Output voltage
range
No Load, VREF,DAC12 = AVCC,
DAC12_xDAT = 0FFFh, DAC12IR = 1,
DAC12AMPx = 7
2.2V/3V
AVCC−0.05
AVCC
V
VO
range
(see Note 1,
Figure 15)
RLoad= 3 kΩ, VREF,DAC12 = AVCC,
DAC12_xDAT = 0h, DAC12IR = 1,
DAC12AMPx = 7
2.2V/3V
0
0.1
V
RLoad= 3 kΩ, VREF,DAC12 = AVCC,
DAC12_xDAT = 0FFFh, DAC12IR = 1,
DAC12AMPx = 7
2.2V/3V
AVCC−0.13
AVCC
CL(DAC12)
Max DAC12
load capacitance
2.2V/3V
100
pF
I
Max DAC12
2.2V
−0.5
+0.5
mA
IL(DAC12)
Max DAC12
load current
3V
−1.0
+1.0
mA
RLoad= 3 kΩ, VO/P(DAC12) < 0.3 V,
DAC12AMPx = 2, DAC12_xDAT = 0h
2.2V/3V
150
250
RO/P(DAC12)
Output
Resistance
(see Figure 15)
RLoad= 3 kΩ,
VO/P(DAC12) > AVCC−0.3 V
DAC12_xDAT = 0FFFh
2.2V/3V
150
250
Ω
(see Figure 15)
RLoad= 3 kΩ,
0.3V
≤ VO/P(DAC12) ≤ AVCC − 0.3V
2.2V/3V
1
4
NOTES:
1. Data is valid after the offset calibration of the output amplifier.
RO/P(DAC12_x)
Max
0.3
AVCC
AVCC−0.3V
VOUT
Min
RLoad
AVCC
CLoad= 100pF
2
ILoad
DAC12
O/P(DAC12_x)
Figure 15. DAC12_x Output Resistance Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com