Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2156
Description  OPA2156 36-V, Ultra-Low Noise, Wide-Bandwidth, CMOS, Precision, Rail-to-Rail, Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2156 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2156 Datasheet HTML 1Page - Texas Instruments OPA2156 Datasheet HTML 2Page - Texas Instruments OPA2156 Datasheet HTML 3Page - Texas Instruments OPA2156 Datasheet HTML 4Page - Texas Instruments OPA2156 Datasheet HTML 5Page - Texas Instruments OPA2156 Datasheet HTML 6Page - Texas Instruments OPA2156 Datasheet HTML 7Page - Texas Instruments OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
OPA2156
SBOS900B – SEPTEMBER 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information: OPA2156 ................................ 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Application .................................................. 21
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 23
10.1
Layout Guidelines ................................................. 23
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Device Support...................................................... 25
11.2
Documentation Support ........................................ 25
11.3
Receiving Notification of Documentation Updates 25
11.4
Community Resources.......................................... 25
11.5
Trademarks ........................................................... 25
11.6
Electrostatic Discharge Caution ............................ 26
11.7
Glossary ................................................................ 26
12
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (December 2018) to Revision B
Page
•
Added new DGK (VSSOP) package and associated content to data sheet ......................................................................... 1
•
Changed Figure 8, Input Voltage Noise Spectral Density, to include frequencies up to 10 MHz .......................................... 8
•
Changed title of input bias and offset current curves (Figures 12 to 14) to specify SOIC package performance ................ 9
Changes from Original (September 2018) to Revision A
Page
•
First release of production-data data sheet............................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com