Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA2156
Description  OPA2156 36-V, Ultra-Low Noise, Wide-Bandwidth, CMOS, Precision, Rail-to-Rail, Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2156 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments OPA2156 Datasheet HTML 10Page - Texas Instruments OPA2156 Datasheet HTML 11Page - Texas Instruments OPA2156 Datasheet HTML 12Page - Texas Instruments OPA2156 Datasheet HTML 13Page - Texas Instruments OPA2156 Datasheet HTML 14Page - Texas Instruments OPA2156 Datasheet HTML 15Page - Texas Instruments OPA2156 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Capactiance (pF)
10
100
1000
0
10
20
30
40
50
60
70
RISO = 0
RISO = 25
RISO = 50
Capactiance (pF)
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
RISO = 0
RISO = 25
RISO = 50
Cload (pF)
10
100
1000
0
10
20
30
40
50
60
70
80
Time (100 Ps/div)
Vin (V)
Vout (V)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
60
80
100
120
140
Output Current (mA)
0
20
40
60
80
100
120
140
-18
-17.5
-17
-16.5
-16
-15.5
-15
-14.5
-14
-13.5
-13
-12.5
-12
25 qC
-40 qC
85 qC
125 qC
12
OPA2156
SBOS900B – SEPTEMBER 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 30 pF (unless otherwise noted)
Figure 25. Short-Circuit Current vs Temperature
Figure 26. Negative Output Voltage vs Output Current
Figure 27. No Phase Reversal
Figure 28. Phase Margin vs Capacitive Load
10-mV output step, gain = –1
Figure 29. Small Signal Overshoot vs Capacitive Load
10-mV output step, gain = +1
Figure 30. Small Signal Overshoot vs Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com