Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2156
Description  OPA2156 36-V, Ultra-Low Noise, Wide-Bandwidth, CMOS, Precision, Rail-to-Rail, Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2156 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2156 Datasheet HTML 7Page - Texas Instruments OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments OPA2156 Datasheet HTML 10Page - Texas Instruments OPA2156 Datasheet HTML 11Page - Texas Instruments OPA2156 Datasheet HTML 12Page - Texas Instruments OPA2156 Datasheet HTML 13Page - Texas Instruments OPA2156 Datasheet HTML 14Page - Texas Instruments OPA2156 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
120
125
130
135
140
1
0.32
0.1
Output Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110 120
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
-40 qC
25 qC
85 qC
125 qC
Frequency (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
PSRR
PSRR
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
114
116
118
120
122
Frequency (Hz)
-20
-10
0
10
20
30
40
50
100
1k
10k
100k
1M
10M
G = 1
G= 1
G= 10
G= +100
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
CMRR
11
OPA2156
www.ti.com
SBOS900B – SEPTEMBER 2018 – REVISED JUNE 2019
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 30 pF (unless otherwise noted)
Figure 19. Closed-Loop Gain vs Frequency
Figure 20. CMRR vs Frequency
Figure 21. PSRR vs Frequency
Figure 22. CMRR vs Temperature
Figure 23. PSRR vs Temperature
Figure 24. Positive Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com