Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 18Page - Texas Instruments OPA810 Datasheet HTML 19Page - Texas Instruments OPA810 Datasheet HTML 20Page - Texas Instruments OPA810 Datasheet HTML 21Page - Texas Instruments OPA810 Datasheet HTML 22Page - Texas Instruments OPA810 Datasheet HTML 23Page - Texas Instruments OPA810 Datasheet HTML 24Page - Texas Instruments OPA810 Datasheet HTML 25Page - Texas Instruments OPA810 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
7 Detailed Description
7.1 Overview
The OPA810 is a single-channel, field-effect transistor (FET)-input, unity-gain stable, voltage-feedback
operational amplifier with extremely low input bias current across the common-mode input voltage range. The
OPA810, characterized to operate over a wide supply range of 4.75 V to 27 V, has a small-signal, unity-gain
bandwidth of 140 MHz and offers both excellent dc precision and dynamic ac performance at low quiescent
power. The OPA810 is fabricated on Texas Instruments' proprietary, high-speed SiGe BiCMOS process and
achieves significant performance improvements over comparable FET-input amplifiers at similar levels of
quiescent power. With a gain-bandwidth product (GBWP) of 70 MHz, extremely high slew rate (200 V/µs),
and low noise (6.3 nV/√Hz), the OPA810 is designed for a wide range of data-acquisition and signal-processing
applications. The OPA810 includes input clamps to allow maximum input differential voltage of up to 7 V, making
this device an excellent choice for use with multiplexers and for processing signals with fast transients. The
device achieves these benchmark levels of performance while consuming a typical quiescent current (IQ) of 3.7
mA per channel.
The OPA810 can source and sink large amounts of current without degradation in linearity performance. The
wide bandwidth of the OPA810 implies that the device has low output impedance across a wide frequency
range, thereby allowing the amplifier to drive capacitive loads up to 10 pF without requiring output isolation. This
device is designed for a wide range of data-acquisition, test-and-measurement, front-end buffer, impedance-
measurement, power-analyzer, wideband photodiode transimpedance, and signal-processing applications.
7.2 Functional Block Diagram
Aux-Stage
VS+
EN
JFET-Stage
VS±
EN
VS+ ±2.5 V
VIN+
VIN±
VO
+
+
+
OPA810
CC
±
±
±
±
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com