Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
6.6 Electrical Characteristics: 24 V
at TA = 25°C, VS+ = 12 V, VS– = –12 V, common-mode voltage (VCM) = mid-supply, and RL = 1 kΩ connected to mid-supply(1)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level(2)
AC PERFORMANCE
SSBW
Small-signal bandwidth
G = 1, Vo = 20 mVPP, RF = 0 Ω
135
MHz
C
G = 1, Vo = 20 mVPP, RF = 0 Ω,
CL= 10 pF
140
C
G = –1, Vo = 20 mVPP
68
C
LSBW
Large-signal bandwidth
G = 2 Vo = 2 VPP
44
MHz
C
G = 2 Vo = 10 VPP
14
C
GBWP
Gain-bandwidth product
70
MHz
C
Bandwidth for 0.1-dB flatness G = 2, Vo = 20 mVPP
16
MHz
C
SR
Slew rate (20%-80%)(3)
G = 2, Vo = –2-V to 2-V step
237
V/µs
C
G = –1, Vo = –2-V to 2-V step
222
C
G = 2, Vo = –4.5-V to 3.5-V step
254
C
Rise time
Vo = 200-mV step
4
ns
C
Fall time
Vo = 200-mV step
4
ns
C
Settling time to 0.1%
G = 2, Vo = 2-V step
47
ns
C
G = 2, Vo = 10-V step
70
C
Settling time to 0.001%
G = 2, Vo = 2-V step
320
ns
C
G = 2, Vo = 10-V step
200
C
Input overdrive recovery
G = 1, RF = 0 Ω, (VS– – 0.5 V) to
(VS+ + 0.5 V) input
35
ns
C
Output overdrive recovery
G = –1, (VS– – 0.5 V) to (VS+ + 0.5 V)
input
45
ns
C
HD2
Second-order harmonic
distortion
f = 100 kHz, RL = 1 kΩ, Vo = 2 VPP
–118
dBc
C
f = 100 kHz, RL =1 kΩ, Vo = 10 VPP
–108
C
f = 1 MHz, RL = 1 kΩ, Vo = 2 VPP
–112
C
f = 1 MHz, RL=1 kΩ, Vo = 10 VPP
–91
C
HD3
Third-order harmonic
distortion
f = 100 kHz, RL = 1 kΩ, Vo = 2 VPP
–136
dBc
C
f = 100 kHz, RL =1 kΩ, Vo = 10 VPP
–130
C
f = 1 MHz, RL = 1 kΩ, Vo = 2 VPP
–104
C
f = 1 MHz, RL =1 kΩ, Vo = 10 VPP
–91
C
en
Input-referred voltage noise
Flat-band, 1/f corner at 1.5 kHz
6.3
nV/√Hz
C
in
Input-referred current noise
f = 10 kHz
5
fA/√Hz
C
zO
Closed-loop output
impedance
f = 100 kHz
0.007
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
f = dc, Vo = ±8 V
108
120
dB
A
VOS
Input offset voltage
SOIC package
100
500
µV
A
DBV and DCK packages
100
550
Input offset voltage drift
TA = –40°C to +125°C
2.5
10
µV/°C
B
Input bias current
2
20
pA
A
Input offset current
1
20
pA
A
CMRR
Common-mode rejection ratio
f = dc, VCM = ±5 V, SOIC package
90
105
dB
A
TA = –40°C to +125°C, SOIC package
90
B
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com