Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 25Page - Texas Instruments OPA810 Datasheet HTML 26Page - Texas Instruments OPA810 Datasheet HTML 27Page - Texas Instruments OPA810 Datasheet HTML 28Page - Texas Instruments OPA810 Datasheet HTML 29Page - Texas Instruments OPA810 Datasheet HTML 30Page - Texas Instruments OPA810 Datasheet HTML 31Page - Texas Instruments OPA810 Datasheet HTML 32Page - Texas Instruments OPA810 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
(
)
2
2
2
BI
F
F
N
NI
BN
S
S
I R
4kTR
E
E
I
R
4kTR
NG
NG
æ
ö
=
+
+
+
+
ç
÷
è
ø
(8)
Substituting large resistor values into Equation 8 can quickly dominate the total equivalent input referred noise.
A source impedance on the noninverting input of 2-kΩ adds a Johnson voltage noise term similar to that of the
amplifier (6.3 nV/√ Hz).
Table 8-1 compares the noise contributions from the various terms when the OPA810 is configured in a
noninverting gain of 5 V/V as Figure 8-11 shows. Two cases are considered where the resistor values in case
2 are 10x the resistor values in case 1. The total output noise in case 1 is 34 nV/√ Hz while the noise in case
2 is 51.5 nV/√ Hz. The large value resistors in case 2 dilute the benefits of selecting a low noise amplifier like
the OPA810. To minimize total system noise, reduce the size of the resistor values. This increases the amplifiers
output load and results in a degradation of distortion performance. The increased loading increases the dynamic
power consumption of the amplifier. The circuit designer must make the appropriate tradeoffs to maximize the
overall performance of the amplifier to match the system requirements.
Case1: 200
Case2: 2 k
E
O
+
±
V
S+ = 5V
V
S- = -5V
R
S
R
G
R
F
Case1: 250
Case2: 2.5 k
Case1: 1 k
Case2: 10 k
Figure 8-11. Comparing Noise Contributors for Two Cases with the Amplifier in a Noninverting Gain of
5 V/V
Table 8-1. Comparing Noise Contributions for the Circuit in Figure 8-11
NOISE
SOURCE
OUTPUT
NOISE
EQUATION
CASE 1
CASE 2
NOISE
SOURCE
VALUE
VOLTAGE
NOISE
CONTRIBUTIO
N (nV/√ Hz)
NOISE
POWER
CONTRIBUTIO
N (nV2/Hz)
CONTRIBUTIO
N (%)
NOISE
SOURCE
VALUE
VOLTAGE
NOISE
CONTRIBUTIO
N (nV/√ Hz)
NOISE
POWER
CONTRIBUTIO
N (nV2/Hz)
CONTRIBUTIO
N (%)
Source resistor,
RS
ERS (1 +
RF /RG)
1.82 nV/√
Hz
9.1
82.81
7.15
5.76 nV/√
Hz
28.8
829.44
31.29
Gain resistor,
RG
ERG (RF /
RG)
2.04 nV/√
Hz
8.16
66.59
5.75
6.44 nV/√
Hz
25.76
663.58
25.03
Feedback
resistor, RF
ERF
4.07 nV/√
Hz
4.07
16.57
1.43
12.87 nV/√
Hz
12.87
165.64
6.25
Amplifier
voltage noise,
ENI
ENI (1 + RF /
RG)
6.3 nV/√
Hz
31.5
992.25
85.67
6.3 nV/√
Hz
31.5
992.25
37.43
Inverting
current noise,
IBI
IBI (RF || RG)
5 fA/√ Hz
5.0E-3
—
—
5 fA/√ Hz
50E-3
—
—
Noninverting
current noise,
IBN
IBNRS (1 +
RF/ RG)
5 fA/√ Hz
1.0E-3
—
—
5 fA/√ Hz
10E-3
—
—
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com