Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments OPA810 Datasheet HTML 17Page - Texas Instruments OPA810 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
6.9 Typical Characteristics: VS = 24 V
at VS+ = 12 V, VS– = –12 V, RL = 1 kΩ, input and output are biased to midsupply, and TA ≈ 25°C. For AC specifications, VO =
2 VPP, G = 2 V/V, RF = 1 kΩ, and CL = 4.7 pF (unless otherwise noted)
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D071
Gain = 1 V/V
Gain = 1 V/V
Gain = 2 V/V
Gain = 5 V/V
See Figure 8-1 and Figure 8-2, VO = 20 mVPP
Figure 6-18. Noninverting Small-Signal Frequency Response vs
Gain
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D072
VCM = 0 V
VCM = 9 V
VCM = 11 V
See Figure 8-1, VO = 20 mVPP, gain = 1 V/V, CL = 4.7 pF,
RF = 0 Ω
Figure 6-19. Small-Signal Frequency Response vs Output
Common-Mode Voltage
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D074
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
See Figure 8-1, gain = 1 V/V, RF = 0 Ω
Figure 6-20. Large-Signal Frequency Response vs Output
Voltage
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D075
VO = 200 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
VO = 10 VPP
See Figure 8-1, gain = 2 V/V
Figure 6-21. Large-Signal Frequency Response vs Vo
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M
D076
HD2, VO = 2 VPP
HD3, VO = 2 VPP
HD2, VO = 10 VPP
HD3, VO = 10 VPP
HD2, VO = 20 VPP
HD3, VO = 20 VPP
See Figure 8-1, gain = 2 V/V
Figure 6-22. Harmonic Distortion vs Frequency vs Vo
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
1k
10k
100k
1M
D077
HD2, VO = 2 VPP
HD3, VO = 2 VPP
HD2, VO = 10 VPP
HD3, VO = 10 VPP
HD2, VO = 20 VPP
HD3, VO = 20 VPP
See Figure 8-2, gain = –1 V/V
Figure 6-23. Harmonic Distortion vs Frequency vs Vo
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com