Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
6.7 Electrical Characteristics: 5 V (continued)
at TA = 25°C, VS+ = 5 V, VS– = 0 V, common-mode voltage (VCM) = 1.25 V, and RL = 1 kΩ connected to 1.25 V(1) (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level(2)
Most positive input voltage
ΔVOS < 5 mV(4)
VS+ + 0.2
VS+ + 0.3
V
A
Most negative input voltage
ΔVOS < 5 mV(4)
VS- – 0.2
VS- – 0.3
V
A
Most positive input voltage
for main-JFET stage
See Figure 6-41
VS+ – 2.9
VS+ – 2.5
V
C
OUTPUT
VOCRH
Output voltage range high
RL = 667 Ω
VS+ – 0.12 VS+ – 0.09
V
A
TA = –40°C to +125°C, RLOAD = 667 Ω
VS+ – 0.15
B
VOCRL
Output voltage range low
RL = 667 Ω
VS–+ 0.06
VS– +
0.11
V
A
TA = –40°C to +125°C, RL = 667 Ω
VS– +
0.15
B
IO(max)
Linear output drive (sourcing
and sinking)
VO = 1.4 V, RL = 27.5 Ω, ΔVOS < 1
mV, VS+ = 3 V and VS– = –2 V
50
64
mA
A
ISC
Output short-circuit current
96
mA
B
CL
Capacitive load drive
< 3-dB peaking, RS = 0 Ω
10
pF
C
POWER SUPPLY
IQ
Quiescent current per
channel
3.15
3.7
4.5
mA
A
PSRR
Power-supply rejection ratio
ΔVS = ±0.5 V(5), SOIC package
78
100
dB
A
TA = –40°C to +125°C, SOIC package
78
B
AUXILIARY CMOS INPUT STAGE
Gain-bandwidth product
27
MHz
C
Input-referred voltage noise
f = 1 MHz
20
nV/√Hz
C
Input offset voltage
VCM = VS+ – 1.5 V, no load, SOIC
package
1.6
mV
A
Input bias current
VCM = VS+ – 1.5 V
2
20
pA
A
(1)
For ac specifications, VS+ = 3.5 V, VS– = –1.5 V, G = 2 V/V, RF = 1 kΩ, CL = 4.7 pF, VCM = 0 V (unless otherwise noted).
(2)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(3)
Lower of the measured positive and negative slew rate.
(4)
Change in input offset from the value when input is biased to 0 V.
(5)
Change in supply voltage from the default test condition with only one of the positive or negative supplies changing corresponding to
+PSRR and –PSRR.
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com