Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 1 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
1 Features
• Gain-bandwidth product: 70MHz
• Small-signal bandwidth: 140MHz
• Slew rate: 200V/µs
• Wide supply range: 4.75V to 27V
• Low noise:
– Input voltage noise: 6.3nV/√Hz (f = 500kHz)
– Input current noise: 5fA/√Hz (f = 10kHz)
• Rail-to-rail input and output:
– FET input stage: 2pA input bias current (typical)
– High linear output current: 75mA
• Input offset: ±500µV (maximum)
• Offset drift: ±2.5µV/°C (typical)
• Low power: 3.7mA/channel
• Extended temperature range: –40°C to +125°C
• Dual-channel version: OPA2810
2 Applications
• Wideband photodiode transimpedance amplifier
• Analog input and output module
• Impedance measurement
• Power analyzer
• High-Z voltage and current measurement
• Data acquisition
• Multichannel sensor interfaces
• Optoelectronic drivers
3 Description
The OPA810 is a single-channel, field-effect transistor
(FET) input, voltage-feedback operational amplifier
with bias current in the picoampere (pA) range.
The OPA810 is unity-gain stable with a small-signal,
unity-gain bandwidth of 140MHz, and offers excellent
dc precision and dynamic ac performance at a
low quiescent current (IQ) of 3.7mA per channel.
The OPA810 is fabricated on Texas Instruments'
proprietary, high-speed SiGe BiCMOS process and
achieves significant performance improvements over
comparable FET-input amplifiers at similar levels
of quiescent power. With a gain-bandwidth product
(GBWP) of 70MHz, slew rate of 200V/µs, and low-
noise voltage of 6.3nV/√Hz, the OPA810 is designed
for use in a wide range of high-fidelity data-acquisition
and signal-processing applications.
The OPA810 features rail-to-rail inputs and outputs,
and delivers 75mA of linear output current designed to
drive optoelectronic components and analog-to-digital
converter (ADC) inputs or buffer digital-to-analog
converter (DAC) outputs into heavy loads.
The OPA810 is specified over the extended industrial
temperature range of –40°C to +125°C. The OPA2810
is a dual-channel variant of the OPA810, available in
8-pin SOIC, SOT-23, and VSSOP packages.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
OPA810
D (SOIC, 8)
4.9mm × 6mm
DBV (SOT-23, 5)
2.9mm × 2.8mm
DCK (SC70, 5)
2mm × 2.1mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
+
±
R
C
+
±
R
G
R
G
R
F
ADS911 0
18-bit
2 MSPS
R
S
+
±
R
C
-12V
-12V
12V
12V
-0.2V
12V
R
F
C
F
C
F
AV DD
DVDD
1.8V
1.8V
VIN+
VIN-
OPA 810
OPA 810
THS 456 1
+
±
C
CB
C
CB
R¶
R¶
5V
OPA 837
V
OCM
VREF
R
FIL T
C
FIL T
+
±
5V
OPA 378
REF505 0
5.0 V
Reference
12V
Hi-Z-Input, Data-Acquisition Front End
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI-OPA810 Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
More results

Similar Description - OPA810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
1A Rail-to-Rail Input-Output Operational Amplifier
June 3, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com