Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DB Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1795DB
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DB Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 26Page - Texas Instruments PCM1795DB Datasheet HTML 27Page - Texas Instruments PCM1795DB Datasheet HTML 28Page - Texas Instruments PCM1795DB Datasheet HTML 29Page - Texas Instruments PCM1795DB Datasheet HTML 30Page - Texas Instruments PCM1795DB Datasheet HTML 31Page - Texas Instruments PCM1795DB Datasheet HTML 32Page - Texas Instruments PCM1795DB Datasheet HTML 33Page - Texas Instruments PCM1795DB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
When R/W = 1, a read operation is performed.
Default value: 0
7.6.1.3.4
ATLD: Attenuation Load Control
This bit is available for read and write.
Default value: 0
Table 12. ATLD
ATLD
ATTENUATION CONTROL SETTING
ATLD = 0
Attenuation control disabled (default)
ATLD = 1
Attenuation control enabled
The ATLD bit is used to enable loading of the attenuation data contained in registers 16 and 17. When ATLD =
0, the attenuation settings remain at the previously programmed levels, ignoring new data loaded from registers
16 and 17. When ATLD = 1, attenuation data written to registers 16 and 17 is loaded normally.
7.6.1.3.5
FMT[2:0]: Audio Interface Data Format
These bits are available for read and write.
Default value: 101
Table 13. FMT[2:0]
FMT[2:0]
AUDIO DATA FORMAT SELECTION
000
16-bit standard format, right-justified data, BCK
≥ x32 fS
001
32-bit standard format, right-justified data, BCK
≥ x64 fS
010
24-bit standard format, right-justified data, BCK
≥ x48 fS
011
24-bit MSB-first, left-justified format data, BCK
≥ x48 fS
100
32-bit I2S format data, BCK
≥ x64 fS
101
24-bit I2S format data (default), BCK
≥ x48 fS
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
For the external digital filter interface mode (DFTH mode), this register is operated as shown in Application for
External Digital Filter Interface.
7.6.1.3.6
DMF[1:0]: Sampling Frequency Selection for the De-Emphasis Function
These bits are available for read and write.
Default value: 00
Table 14. DMF[1:0]
DMF[1:0]
DE-EMPHASIS SAMPLING FREQUENCY SELECTION
00
Disabled (default)
01
48 kHz
10
44.1 kHz
11
32 kHz
The DMF[1:0] bits are used to select the sampling frequency used by the digital de-emphasis function when it is
enabled by setting the DME bit. The de-emphasis curves are shown in Typical Characteristics.
For the DSD mode, analog FIR filter performance can be selected using this register. A register map and filter
response plots are shown in Application For DSD Format (DSD Mode) Interface.
30
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com