Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DB Datasheet(PDF) 48 Page - Texas Instruments

Part # PCM1795DB
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DB Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 44Page - Texas Instruments PCM1795DB Datasheet HTML 45Page - Texas Instruments PCM1795DB Datasheet HTML 46Page - Texas Instruments PCM1795DB Datasheet HTML 47Page - Texas Instruments PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
0.0005
0.0004
0.0003
0.0002
0.0001
0
0.0001
0.0002
0.0003
0.0004
0.0005
-
-
-
-
-
Frequency( f )
´ S
0
0.2
0.5
0.1
0.3
0.4
PassbandRipple
SharpRoll-Off
0
2
4
6
8
10
12
14
16
18
20
-
-
-
-
-
-
-
-
-
-
Frequency( f )
´ S
0
0.2
0.6
0.1
0.3
0.4
0.5
TransitionCharacteristics
SlowRoll-Off
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
8.2.3.2.4.2
DMF[1:0]: Analog-FIR Performance Selection
Default value: 00
Table 38. DMF[1:0]
DMF[1:0]
ANALOG-FIR PERFORMANCE SELECTION
00
FIR-1 (default)
01
FIR-2
10
FIR-3
11
FIR-4
Plots for the four analog finite impulse response (FIR) filter responses are shown in Analog FIR Filter
Performance in DSD Mode .
8.2.3.2.4.3
OS[1:0]: Analog-FIR Operation-Speed Selection
Default value: 00
Table 39. OS[1:0]
OS[1:0]
OPERATING SPEED SELECTION
00
fDBCK (default)
01
fDBCK/2
10
Reserved
11
fDBCK/4
The OS bit in the DSD mode is used to select the operating rate of the analog FIR. The OS bits must be set
before setting the DSD bit to '1'.
8.2.3.3 Application Curves
Figure 66. Amplitude vs Frequency
Figure 67. Amplitude vs Frequency
48
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com