Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DB Datasheet(PDF) 52 Page - Texas Instruments

Part # PCM1795DB
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DB Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 48Page - Texas Instruments PCM1795DB Datasheet HTML 49Page - Texas Instruments PCM1795DB Datasheet HTML 50Page - Texas Instruments PCM1795DB Datasheet HTML 51Page - Texas Instruments PCM1795DB Datasheet HTML 52Page - Texas Instruments PCM1795DB Datasheet HTML 53Page - Texas Instruments PCM1795DB Datasheet HTML 54Page - Texas Instruments PCM1795DB Datasheet HTML 55Page - Texas Instruments PCM1795DB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
LRCK
BCK
DI
CMD
EMD
EMD
EMD
CMD
Don’t
Care
EMD
EMD
DO
Ch1
Ch(m)
Ch2
CMD
CMD
Ch2
Ch3
Ch(n)
CMD
Ch1
Ch4
DI
Ch3
Ch4
[ForInitialization]
[ForOperation]
32Bits
DO
CMD
CMD
CMD
CMD
CMD
CMD
1/f
S
Don’t
Care
58BCKs
CommandField
DID
LRCK
BCK
DI
DCO1,
DCI2
DeviceID=1
DeviceID=2
DCO1
DCO2,
DCI3
DCO29,
DCI30
DeviceID=3
DeviceID=30
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
Figure 72. Device ID Determination Sequence
8.2.4.2.4
TDMCA Frame
In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data
fields. All fields are 32 bits long, but the lowest byte has no meaning. The MSB is transferred first for each field.
The command field is always transferred as the first packet of the frame. The EMD field is transferred if the EMD
flag of the command field is high. If any EMD packets are transferred, no audio data follow the EMD packets.
This frame is for quick system initialization. All devices of a daisy-chain should respond to the command field and
extended command field. The PCM1795 has two audio channels that can be selected by OPE (register 19). If
the OPE bit is not set to high, those audio channels are transferred. Figure 73 shows the general TDMCA frame.
If some DACs are enabled, but corresponding audio data packets are not transferred, the analog outputs are
unpredictable.
Figure 73. General TDMCA Frame
52
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com