Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 43 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 39Page - Texas Instruments PCM5142A Datasheet HTML 40Page - Texas Instruments PCM5142A Datasheet HTML 41Page - Texas Instruments PCM5142A Datasheet HTML 42Page - Texas Instruments PCM5142A Datasheet HTML 43Page - Texas Instruments PCM5142A Datasheet HTML 44Page - Texas Instruments PCM5142A Datasheet HTML 45Page - Texas Instruments PCM5142A Datasheet HTML 46Page - Texas Instruments PCM5142A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 123 page
background image
OUTL
OUTR
470Ω
2.2nF
LINE
OUT
470Ω
2. 2nF
Output voltage is 2 VRMS
With a 10 kΩ Load
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
8.3.5 DAC Outputs
8.3.5.1 Analog Outputs
The PCM514x devices include a two-channel DAC, with single-ended outputs. The full-scale output voltage is
2.1Vrms with ground center output. A dc-coupled load is supported in addition to an ac-coupled load, if the load
resistance conforms to the specification. The PCM514x DAC outputs on the OUTL and OUTR terminals have
market-leading low out-of-band noise, which offer up to 20dB lower out-of-band noise compared with existing
DAC technology.
Most applications require an external low-pass RC filter (470
Ω + 2.2nF) to provide sufficient out-of-band noise
rejection. This RC filter provides the added advantage of improved protection against ESD damage.
8.3.5.2 Recommended Output Filter for the PCM514x
The diagram in Figure 63 shows the recommended output filter for the PCM514x. The new PCM514x next-
generation current segment architecture offers excellent out-of-band noise, making a traditional 20-kHz low pass
filter a thing of the past.
The RC settings below offer a –3-dB filter point at 153 kHz (approximately), giving the DAC the ability to
reproduce virtually all frequencies through to it’s maximum sampling rate of 384 kHz. A NP0/C0G type capacitor
is strongly recommended for the shunt capacitor for lowest distortion.
Figure 63. Recommended Output Lowpass Filter for 10-k
Ω Operation
8.3.5.3 Choosing Between VREF and VCOM Modes
VREF mode is the default configuration. This mode allows full 2.1-Vrms signal output. As shown in Recommended
Operating Conditions, the minimum AVDD to avoid clipping is 3.2 V.
VCOM mode allows setting a custom common-mode voltage when required by the application. This somewhat
limits the output signal swing before clipping.
8.3.5.3.1
Voltage Reference and Output Levels
The PCM514x devices have an internal, fixed band-gap reference voltage, with default operation in VREF mode.
No external decoupling capacitor is required for this mode.
The PCM514x devices can be operated with a common-mode voltage output (VCOM mode) at the VCOM pin by
setting Page 1, Register 1, D(0) to 1. In this mode, an external decoupling capacitor is required.
When using this DAC in VREF mode, the output-signal voltage is independent of the power-supply voltage: The
D/A conversion gain in VREF mode yields a 2.1-Vrms output voltage with a digital full-scale input. However, in
VREF mode, an output waveform may clip due to the limitations that may be present in the analog power supply
voltage. On the other hand, the full-scale output voltage in VCOM mode is proportional to the analog power
supply AVDD (for example, (2.1 × AVDD / 3.3) Vrms).
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com