Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 2Page - Texas Instruments PCM5142A Datasheet HTML 3Page - Texas Instruments PCM5142A Datasheet HTML 4Page - Texas Instruments PCM5142A Datasheet HTML 5Page - Texas Instruments PCM5142A Datasheet HTML 6Page - Texas Instruments PCM5142A Datasheet HTML 7Page - Texas Instruments PCM5142A Datasheet HTML 8Page - Texas Instruments PCM5142A Datasheet HTML 9Page - Texas Instruments PCM5142A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD, CPVDD, DVDD
–0.3
3.9
Supply voltage
V
LDO with DVDD at 1.8 V
–0.3
2.25
DVDD at 1.8 V
–0.3
2.25
Digital input voltage
V
DVDD at 3.3 V
–0.3
3.9
Analog input voltage
–0.3
3.9
V
Operating junction temperature, TJ
–40
130
°C
Storage temperature, Tstg
–65
150
°C
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCOM mode
3
3.3
3.46
AVDD
Analog power supply voltage
Referenced to AGND(1)
V
VREF mode
3.2
3.3
3.46
1.8 V DVDD
1.65
1.8
1.95
DVDD
Digital power supply voltage
Referenced to DGND(1)
V
3.3 V DVDD
3.1
3.3
3.46
CPVDD
Charge pump supply voltage
Referenced to CPGND(1)
3.1
3.3
3.46
V
MCLK
Master clock frequency
50
MHz
LOL, LOR
Stereo line output load resistance
1
10
k
Ω
CLOUT
Digital output load capacitance
10
pF
TJ
Operating junction temperature
–40
130
°C
(1)
All grounds on board are tied together; they must not differ in voltage by more than 0.2-V maximum, for any combination of ground
signals.
7.4 Thermal Information
PCM512x
THERMAL METRIC(1)
RHB (TSSOP)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
72.2
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
17.5
°C/W
RθJB
Junction-to-board thermal resistance
35.0
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
34.5
°C/W
(1)
For more information about trdational and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com