Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 56 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 52Page - Texas Instruments PCM5142A Datasheet HTML 53Page - Texas Instruments PCM5142A Datasheet HTML 54Page - Texas Instruments PCM5142A Datasheet HTML 55Page - Texas Instruments PCM5142A Datasheet HTML 56Page - Texas Instruments PCM5142A Datasheet HTML 57Page - Texas Instruments PCM5142A Datasheet HTML 58Page - Texas Instruments PCM5142A Datasheet HTML 59Page - Texas Instruments PCM5142A Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
9
SDA
SCL
St
Start
condition
1–7
8
1–8
9
1–8
9
9
Sp
Stop
condition
Slave address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
R/W:
Read operation if 1; otherwise, write operation
ACK:
Acknowledgement of a byte if 0
DATA:
8 bits (byte)
MSB
LSB
INC
A6
A5
A4
A3
A2
A1
A0
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
8.4.1.1.2
I
2C Interface
The PCM514x supports the I2C serial bus and the data transmission protocol for standard and fast mode as a
slave device.
In I2C mode, the control terminals are changed as follows.
Table 38. I2C Pins and Functions
SIGNAL
PIN
I/O
DESCRIPTION
SDA
11
I/O
I2C data
SCL
12
I
I2C clock
ADR2
16
I
I2C address 2
ADR1
24
I
I2C address 1
8.4.1.1.2.1
Slave Address
Table 39. I2C Slave Address
MSB
LSB
1
0
0
1
1
ADR2
ADR1
R/ W
The PCM514x has 7 bits for its own slave address. The first five bits (MSBs) of the slave address are factory
preset to 10011 (0x9x). The next two bits of the address byte are the device select bits which can be user-
defined by the ADR1 and ADR0 terminals. A maximum of four devices can be connected on the same bus at
one time. This gives a range of 0x98, 0x9A, 0x9C and 0x9E. Each PCM514x responds when it receives its own
slave address.
8.4.1.1.2.2
Register Address Auto-Increment Mode
Figure 74. Auto Increment Mode
Auto-increment mode allows multiple sequential register locations to be written to or read back in a single
operation, and is especially useful for block write and read operations.
8.4.1.1.2.3
Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address, read/write bit,
data if write or acknowledge if read, and stop condition. The PCM514x supports only slave receivers and slave
transmitters.
Figure 75. Packet Protocol
56
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com