Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 66 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 66 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 62Page - Texas Instruments PCM5142A Datasheet HTML 63Page - Texas Instruments PCM5142A Datasheet HTML 64Page - Texas Instruments PCM5142A Datasheet HTML 65Page - Texas Instruments PCM5142A Datasheet HTML 66Page - Texas Instruments PCM5142A Datasheet HTML 67Page - Texas Instruments PCM5142A Datasheet HTML 68Page - Texas Instruments PCM5142A Datasheet HTML 69Page - Texas Instruments PCM5142A Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
10.5 PCM514x Power Modes
10.5.1 Setting Digital Power Supplies and I/O Voltage Rails
The internal digital core of the PCM514x devices run from a 1.8-V supply. This can be generated by the internal
LDO, or by an external 1.8-V supply.
DVDD is used to set the I/O voltage, and to be used as the input to the onchip LDO that creates the 1.8 V
required by the digital core.
For systems that require 3.3-V I/O support, but lower power consumption, DVDD should be connected to 3.3 V
and LDOO can be connected to an external 1.8-V source. Doing so will disable the onchip LDO.
When setting I/O voltage to be 1.8 V, both DVDD and LDOO must be provided with an external 1.8-V supply.
10.5.2 Power Save Modes
The PCM514x devices offer two power-save modes: standby and power-down.
When a clock error (SCK, BCK, and LRCK) or clock halt is detected, the PCM514x device automatically enters
standby mode. The DAC and line driver are also powered down.
When BCK and LRCK remain at a low level for more than 1 second, the PCM514x device automatically enters
powerdown mode. Power-down mode disables the negative charge pump and bias/reference circuit, in addition
to those disabled in standby mode.
When expected audio clocks (SCK, BCK, LRCK) are applied to the PCM514x device, or if BCK and LRCK start
correctly while SCK remains at ground level for 16 successive LRCK periods, the device starts its powerup
sequence automatically.
10.5.3 Power Save Parameter Programming
Table 48. Power Save Registers
REGISTER
DESCRIPTION
Page 0, Register 2, D(4)
Software standby mode command
Page 0, Register 2, D(0)
Software power-down command
Software power-up sequence command (required after software standby or power-
Page 0, Register 2, D(4) and D(0)
down)
Page 0, Register 44, D(2:0)
Detection time of BCK and LRCK halt
66
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com