Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 76 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 72Page - Texas Instruments PCM5142A Datasheet HTML 73Page - Texas Instruments PCM5142A Datasheet HTML 74Page - Texas Instruments PCM5142A Datasheet HTML 75Page - Texas Instruments PCM5142A Datasheet HTML 76Page - Texas Instruments PCM5142A Datasheet HTML 77Page - Texas Instruments PCM5142A Datasheet HTML 78Page - Texas Instruments PCM5142A Datasheet HTML 79Page - Texas Instruments PCM5142A Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
RQMR
Mute Right Channel
This bit issues soft mute request for the right channel. The volume will be smoothly ramped down/up to avoid
pop/click noise.
Default value: 0
0: Normal volume
1: Mute
Table 58. Page 0 / Register 4
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
4
04
RSV
RSV
RSV
PLCK
RSV
RSV
RSV
PLLE
Reset Value
1
RSV
Reserved
Reserved. Do not access.
PLCK
PLL Lock Flag (Read Only)
This bit indicates whether the PLL is locked or not. When the PLL is disabled this bit always shows that the
PLL is not locked.
0: The PLL is locked
1: The PLL is not locked
PLLE
PLL Enable
This bit enables or disables the internal PLL. When PLL is disabled, the master clock will be switched to the
SCK.
Default value: 1
0: Disable PLL
1: Enable PLL
Table 59. Page 0 / Register 6
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
6
06
RSV
RSV
RSV
RSV
RSV
RSV
FSMI1
FSMI0
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
FSMI[1:0]
SPI MISO function sel
These bits select the function of the SPI_MISO pin when in SPI mode. If the pin is set as GPIO, register
readout via SPI is not possible.
Default value: 00
00: SPI_MISO
01: GPIO1
Others: Reserved (Do not set)
Table 60. Page 0 / Register 7
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
7
07
RSV
RSV
RSV
DEMP
RSV
RSV
RSV
SDSL
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
DEMP
De-Emphasis Enable
This bit enables or disables the de-emphasis filter. The default coefficients are for 44.1kHz sampling rate, but
can be changed by reprogramming the appropriate coeffients in RAM.
76
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com