Electronic Components Datasheet Search
  English  ▼

X  

PCM5142A Datasheet(PDF) 96 Page - Texas Instruments

Part # PCM5142A
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142A Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCM5142A Datasheet HTML 92Page - Texas Instruments PCM5142A Datasheet HTML 93Page - Texas Instruments PCM5142A Datasheet HTML 94Page - Texas Instruments PCM5142A Datasheet HTML 95Page - Texas Instruments PCM5142A Datasheet HTML 96Page - Texas Instruments PCM5142A Datasheet HTML 97Page - Texas Instruments PCM5142A Datasheet HTML 98Page - Texas Instruments PCM5142A Datasheet HTML 99Page - Texas Instruments PCM5142A Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
This bit controls the polarity of GPIO1 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
Table 104. Page 0 / Register 90
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
90
5A
RSV
RSV
RSV
L1OV
R1OV
L2OV
R2OV
SFOV
Reset Value
RSV
Reserved
Reserved. Do not access.
L1OV
Left1 Overflow (Read Only)
This bit indicates whether the left channel of DSP first output port has overflow. This bit is sticky and is cleared
when read.
0: No overflow
1: Overflow occurred
R1OV
Right1 Overflow (Read Only)
The bit indicates whether the right channel of DSP first output port has overflow. This bit is sticky and is cleared
when read.
0: No overflow
1: Overflow occurred
L2OV
Left2 Overflow (Read Only)
This bit indicates whether the left channel of DSP second output port has overflow. This bit is sticky and is
cleared when read.
0: No overflow
1: Overflow occurred
R2OV
Right2 Overflow (Read Only)
The bit indicates whether the right channel of DSP second output port has overflow. This bit is sticky and is
cleared when read.
0: No overflow
1: Overflow occurred
SFOV
Shifter Overflow (Read Only)
This bit indicates whether overflow occurred in the DSP shifter (possible sample corruption). This bit is sticky
and is cleared when read.
0: No overflow
1: Overflow occurred
Table 105. Page 0 / Register 91
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
91
5B
RSV
DTFS2
DTFS1
DTFS0
DTSR3
DTSR2
DTSR1
DTSR0
Reset Value
RSV
Reserved
Reserved. Do not access.
DTFS[2:0]
Detected FS (Read Only)
These bits indicate the currently detected audio sampling rate.
000: Error (Out of valid range)
001: 8 kHz
010: 16 kHz
96
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com