Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM5142PW
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 16Page - Texas Instruments PCM5142PW Datasheet HTML 17Page - Texas Instruments PCM5142PW Datasheet HTML 18Page - Texas Instruments PCM5142PW Datasheet HTML 19Page - Texas Instruments PCM5142PW Datasheet HTML 20Page - Texas Instruments PCM5142PW Datasheet HTML 21Page - Texas Instruments PCM5142PW Datasheet HTML 22Page - Texas Instruments PCM5142PW Datasheet HTML 23Page - Texas Instruments PCM5142PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
In Hardware mode, the device uses default values. By default, Both L-ch and R-ch have to be zero data for zero
data detection to begin the muting process etc.
Table 5. Zero Data Detection Mode
ATMUTECTL
VALUE
FUNCTION
Independently L-ch or R-ch are zero data for zero data
0
detection
Bit : 2
Both L-ch and R-ch have to be zero data for zero data
1 (Default)
detection
0
Zero detection and analog mute are disabled for R-ch
Bit : 1
1 (Default)
Zero detection analog mute are enabled for R-ch
0
Zero detection analog mute are disabled for L-ch
Bit : 0
1 (Default)
Zero detection analog mute are enabled for L-ch
Table 6. Zero Data Detection Time
ATMUTETIML /
NUMBER OF LRCKs
TIME AT 48 kHz
ATMUTETIMR
0 0 0
1024
21 ms
0 0 1
5120
106 ms
0 1 0
10240
213 ms
0 1 1
25600
533 ms
1 0 0
51200
1.066 sec
1 0 1
102400
2.133 sec
1 1 0
256000
5.333 sec
1 1 1
512000
10.66 sec
8.3.3 XSMT Pin (Soft Mute / Soft Un-Mute)
An external digital host controls the PCM514x soft mute function by driving the XSMT pin with a specific
minimum rise time (tr) and fall time (tf) for soft mute and soft un-mute. The PCM514x requires tr and tf times of
less than 20 ns. In the majority of applications, this is no problem; however, traces with high capacitance may
have issues.
When the XSMT pin is shifted from high to low (3.3 V to 0 V), a soft digital attenuation ramp begins. –1-dB
attenuation is then applied every sample time from 0 dBFS to –
∞. The soft attenuation ramp takes 104 samples.
When the XSMT pin is shifted from low to high (0 V to 3.3 V), a soft digital un-mute is started. 1-dB gain steps
are applied every sample time from –
∞ to 0 dBFS. The un-mute takes 104 samples.
In systems where XSMT is not required, it can be directly connected to AVDD.
20
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com