Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM5142PW
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 9Page - Texas Instruments PCM5142PW Datasheet HTML 10Page - Texas Instruments PCM5142PW Datasheet HTML 11Page - Texas Instruments PCM5142PW Datasheet HTML 12Page - Texas Instruments PCM5142PW Datasheet HTML 13Page - Texas Instruments PCM5142PW Datasheet HTML 14Page - Texas Instruments PCM5142PW Datasheet HTML 15Page - Texas Instruments PCM5142PW Datasheet HTML 16Page - Texas Instruments PCM5142PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level (dBFS)
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level (dBFS)
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
7.11 Typical Characteristics
Consumer grade (non-Q1) devices are specified for TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock =
512 fS and 24-bit data (unless otherwise noted).
Figure 5. PCM5141 THD+N vs Input Level
Figure 6. PCM5142 THD+N vs Input Level
Figure 8. PCM5142 FFT Plot Using a 1-kHz Tone
Figure 7. PCM5141 FFT Plot Using a 1-kHz Tone
(–60 dBFS) from DC to 20 kHz
(–60 dBFS) from DC to 20 kHz
Figure 10. PCM5142 FFT Plot at BPZ
Figure 9. PCM5141 FFT Plot at Bipolar Zero Data (BPZ)
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com