Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 68 Page - Texas Instruments

Part # PCM5142PW
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PW Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 64Page - Texas Instruments PCM5142PW Datasheet HTML 65Page - Texas Instruments PCM5142PW Datasheet HTML 66Page - Texas Instruments PCM5142PW Datasheet HTML 67Page - Texas Instruments PCM5142PW Datasheet HTML 68Page - Texas Instruments PCM5142PW Datasheet HTML 69Page - Texas Instruments PCM5142PW Datasheet HTML 70Page - Texas Instruments PCM5142PW Datasheet HTML 71Page - Texas Instruments PCM5142PW Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
12 Register Maps
12.1 PCM514x Register Map
In any page, register 0 is the Page Select Register. The register value selects the Register Page from 0 to 255
for next read or write command.
Table 49. Register Map Overview (continued)
Table 49. Register Map Overview
REGISTER
DESCRIPTION
NUMBER
REGISTER
DESCRIPTION
NUMBER
60 - 64
Digital volume
Page 0
65
Auto mute
0
Page select register
75 - 79
Reserved
1
Analog control register
80 - 85
GPIOn output selection
2
Standby, Powerdown requests
86, 87
GPIO control
3
Mute
88, 89
Reserved
4
PLL Lock Flag, PLL enable
90
DSP overflow
5
Reserved
91 - 94
Sample rate status
6
SPI MISO function select
95 - 107
Reserved
7
De-emphasis enable, SDOUT select
108
Analog mute monitor
8
GPIO enables
109 - 118
Reserved
9
BCK, LRCLK configuration
119
GPIO input
10
DSP GPIO Input
120
Auto Mute flags
11
Reserved
121
Reserved
12
Master mode BCK, LRCLK reset
Page 1
13
PLL clock source select
1
Output amplitude type
14 - 19
Reserved
2
Analog gain control
20 - 24
PLL dividers
3, 4
Reserved
25, 26
Reserved
5
Undervoltage protection
27
DSP clock divider
6
Analog mute control
28
DAC clock divider
7
Analog gain boost
29
NCP clock divider
8, 9
VCOM configuration
30
OSR clock divider
Page 44
31
Reserved
1
Coefficient memory (CRAM) control
32, 33
Master mode dividers
Pages 44 - 52
Coefficient buffer - A (256 coeffs x 24 bits) : See
Table 51
34
fS speed mode
Pages 62 - 70
Coefficient buffer - B (256 coeffs x 24 bits) : See
35, 36
IDAC (number of DSP clock cycles available in
Table 52
one audio frame)
Pages 152 -
Instruction buffer (1024 instruction x 25 bits),
37
Ignore various errors
186
I512 - I1023 are reserved.: See Table 53
38,39
Reserved
Pages 187 -
Reserved
40, 41
I2S configuration
252
42
DAC data path
Page 253
43
DSP program selection
63, 64
Clock Flex Mode
44
Clock missing detection period
Pages 254 -
Reserved
255
59
Auto mute time
68
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com