Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 65 Page - Texas Instruments

Part # PCM5142PW
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PW Datasheet(HTML) 65 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 61Page - Texas Instruments PCM5142PW Datasheet HTML 62Page - Texas Instruments PCM5142PW Datasheet HTML 63Page - Texas Instruments PCM5142PW Datasheet HTML 64Page - Texas Instruments PCM5142PW Datasheet HTML 65Page - Texas Instruments PCM5142PW Datasheet HTML 66Page - Texas Instruments PCM5142PW Datasheet HTML 67Page - Texas Instruments PCM5142PW Datasheet HTML 68Page - Texas Instruments PCM5142PW Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 123 page
background image
Internal Reset
I2S Clocks
SCK, BCK, LRCK
Internal Reset
4 ms
Reset Removal
1.5V
1.8V
DVDD, LDOO
2.8V
3.3V
AVDD, CPVDD
Internal Reset
I2S Clocks
SCK, BCK, LRCK
Internal Reset
4 ms
Reset Removal
2.8V
3.3V
AVDD, DVDD,
CPVDD
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
10.4 Power-On Reset Function
10.4.1 Power-On Reset, DVDD 3.3-V Supply
The PCM514x includes a power-on reset function, as shown in Figure 85. With VDD > 2.8 V, the power-on reset
function is enabled. After the initialization period, the PCM514x is set to its default reset state. Analog output will
begin ramping after valid data has been passing through the device for the given group delay given by the digital
interpolation filter selected.
Figure 85. Power-On Reset Timing, DVDD = 3.3 V
10.4.2 Power-On Reset, DVDD 1.8-V Supply
The PCM514x includes a power-on reset function, as shown in Figure 86. With AVDD greater than approximately
2.8 V, CPVDD greater than approximately 2.8 V, and DVDD greater than approximately 1.5 V, the power-on
reset function is enabled. After the initialization period, the PCM514x is set to its default reset state.
Figure 86. Power-On Reset Timing, DVDD = 1.8 V
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com