Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 24 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The THS4521, THS4522, and THS4524 family is tested with the test circuits shown in this section; all circuits are
built using the available THS4521 evaluation module (EVM). For simplicity, power-supply decoupling is not
shown; see the layout in the Typical Applications section for recommendations. Depending on the test conditions,
component values change in accordance with Table 4 and Table 5, or as otherwise noted. In some cases the
signal generators used are ac-coupled and in others they dc-coupled 50-
Ω sources. To balance the amplifier
when ac-coupled, a 0.22-
μF capacitor and 49.9-Ω resistor to ground are inserted across RIT on the alternate
input; when dc-coupled, only the 49.9-
Ω resistor to ground is added across RIT. A split power supply is used to
ease the interface to common test equipment, but the amplifier can be operated in a single-supply configuration
as described in the Typical Applications section with no impact on performance. Also, for most of the tests,
except as noted, the devices are tested with single-ended inputs and a transformer on the output to convert the
differential output to single-ended because common lab test equipment has single-ended inputs and outputs.
Similar or better performance can be expected with differential inputs and outputs.
As a result of the voltage divider on the output formed by the load component values, the amplifier output is
attenuated. The Atten column in Table 5 shows the attenuation expected from the resistor divider. When using a
transformer at the output (as shown in Figure 55), the signal sees slightly more loss because of transformer and
line loss; these numbers are approximate.
Table 4. Gain Component Values for Single-Ended Input (see Figure 54)
Gain
RF
RG
RIT
1 V/V
1 k
Ω
1 k
Ω
52.3
Ω
2 V/V
1 k
Ω
487
Ω
53.6
Ω
5 V/V
1 k
Ω
191
Ω
59.0
Ω
10 V/V
1 k
Ω
86.6
Ω
69.8
Ω
1. Gain setting includes 50-
Ω source impedance. Components are chosen to achieve gain and 50-Ω input
termination.
Table 5. Load Component Values For 1:1 Differential To Single-Ended Output Transformer (See
Figure 55)
RL
RO
ROT
Atten
100
Ω
24.9
Ω
Open
6 dB
200
Ω
86.6
Ω
69.8
Ω
16.8 dB
499
Ω
237
Ω
56.2
Ω
25.5 dB
1 k
Ω
487
Ω
52.3
Ω
31.8 dB
1. Total load includes 50-
Ω termination by the test equipment. Components are chosen to achieve load and 50-
Ω line termination through a 1:1 transformer.
24
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com