Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 37 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 37 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
F
V
G2
S
T
R
2
A
R
R
1
R
=
+
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
Device Functional Modes (continued)
Then, the simplest approach is to use a single RG2 = RT || RS + RG1 on the non-signal input side. Often, this
approach is shown as the separate RG1 and RS elements. Using these separate elements provides a better
divider match on the two feedback paths, but a single RG2 is often acceptable. A direct solution for RG2 is given
as Equation 4:
(4)
This design proceeds from a target input impedance matched to RS, signal gain Av from the matched input to the
differential output voltage, and a selected RF value. The nominal RF value chosen for the THS452x family
characterization is 402
Ω. As discussed previously, going lower improves noise and phase margin, but reduces
the total output load impedance possibly degrading harmonic distortion. Going higher increases the output noise,
and might reduce the loop-phase margin because of the feedback pole to the input capacitance, but reduces the
total loading on the outputs.
Using Equation 2 to Equation 4 to sweep the target gain from 1 to AV(MAX) < 14.3 V/V gives Table 7, which shows
exact values for RT, RG1, and RG2, where a 50-Ω source must be matched while setting the two feedback
resistors to 402
Ω. One possible solution for 1% standard values is shown, and the resulting actual input
impedance and gain with % errors to the targets are also shown in Table 7.
Table 7. Rf = 1 k
Ω, Matched Input to 50 Ω, Gain from 1 V to 10 V/V Single to Differential(1)
Rt, EXACT
Rg1,
Rg2,
ACTUAL
%ERR TO
ACTUAL
%ERR TO
Av
Rt 1%
Rg1 1%
Rg2 1%
(
Ω)
EXACT (
Ω)
EXACT (
Ω)
ZIN
Rs
GAIN
Av
1
51.95
52.3
996.92
1000
1022.48
1020
50.32
0.64%
0.997
–0.30%
2
53.59
53.6
491.51
487
517.37
523
49.95
–0.10%
2.018
0.88%
3
55.21
54.9
322.74
324
348.90
348
49.70
–0.60%
2.989
–0.36%
4
56.88
56.2
238.14
237
264.60
267
49.37
–1.25%
4.017
0.43%
5
58.63
59
189.45
191
216.51
215
50.23
0.47%
4.964
–0.71%
6
60.47
60.4
155.01
154
182.37
182
49.82
–0.37%
6.033
0.56%
7
62.42
61.9
130.39
130
158.05
158
49.51
–0.98%
7.017
0.25%
8
64.49
64.9
112.97
113
141.21
140
50.12
0.23%
7.998
–0.02%
9
66.70
66.5
98.31
97.6
126.85
127
49.69
–0.62%
9.050
0.56%
10
69.06
69.8
87.40
86.6
116.53
118
50.29
0.57%
10.069
0.69%
(1)
RF = 1 kΩ, RS = 50 Ω.
These equations and design flow apply to any FDA. Using the feedback resistor value as a starting point is
particularly useful for current-feedback-based FDAs such as the LMH6554, where the value of these feedback
resistors determines the frequency response flatness. Similar tables can be built using the equations provided
here for other source impedances, RF values, and gain ranges.
The TINA model correctly shows this actively-set input impedance in the single-ended to differential
configuration, and is a good tool to validate the gains, input impedances, response shapes, and noise issues.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com