Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 51 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 51 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments THS4521 Datasheet HTML 52Page - Texas Instruments THS4521 Datasheet HTML 53Page - Texas Instruments THS4521 Datasheet HTML 54Page - Texas Instruments THS4521 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
10 Power Supply Recommendations
The THS452x family is principally intended to operate with a nominal single-supply voltage of +3 V to +5 V.
Supply-voltage tolerances are supported with the specified operating range of 2.5 V (10% low on a 3-V nominal
supply) and 5.5 V (8% high on a 5-V nominal supply). Supply decoupling is required, as described in the
Application and Implementation. Split (or bipolar) supplies can be used with the THS452x family, as long as the
total value across the device remains less than 5.5 V (absolute maximum).
Using a negative supply to deliver a true swing to ground output in driving SAR ADCs may be desired. While the
THS452x family quotes a rail-to-rail output, linear operation requires approximately a 200-mV headroom to the
supply rails. One easy option for extending the linear output swing to ground is to provide the small negative
supply voltage required using the LM7705 fixed –230-mV, negative-supply generator. This low-cost, fixed
negative-supply generator accepts the 3- to 5-V positive supply input used by the THS452x and provides a –230-
mV supply for the negative rail. Using the LM7705 provides an effective solution, as shown in the TI Designs
TIDU187, Extending Rail-to-Rail Output Range for Fully Differential Amplifiers to Include True Zero Volts.
11 Layout
11.1 Layout Guidelines
Figure 80 shows the THS4521EVM schematic. PCB layers 1 through 4 are shown in Figure 93; Table 9 lists the
bill of materials for the THS4521EVM as supplied from TI. It is recommended to follow the layout of the external
components near to the amplifier, ground plane construction, and power routing as closely as possible. Follow
these general guidelines:
•
Signal routing should be direct and as short as possible into and out of the amplifier circuit.
•
The feedback path should be short and direct.
•
Ground or power planes should be removed from directly under the amplifier input and output pins.
•
An output resistor is recommended in each output lead, placed as near to the output pins as possible.
•
Two 0.1-
μF power-supply decoupling capacitors should be placed as near to the power-supply pins as
possible.
•
Two 10-
μF power-supply decoupling capacitors should be placed within 1 inch of the device and can be
shared among multiple analog devices.
•
A 0.22-
μF capacitor should be placed between the VOCM input pin and ground near to the pin. This capacitor
limits noise coupled into the pin.
•
The PD pin uses TTL logic levels; a bypass capacitor is not necessary if actively driven, but can be used for
robustness in noisy environments whether driven or not.
•
If input termination resistors R10 and R11 are used, a single point connection to ground on L2 is
recommended.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com