Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 34 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
8.4 Device Functional Modes
This wideband FDA requires external resistors for correct signal-path operation. When configured for the desired
input impedance and gain setting with these external resistors, the amplifier can be either on with the PD pin
asserted to a voltage greater than VS– + 1.7 V, or turned off by asserting PD low. Disabling the amplifier shuts off
the quiescent current and stops correct amplifier operation. The signal path is still present for the source signal
through the external resistors.
The VOCM control pin sets the output average voltage. Left open, VOCM defaults to an internal midsupply value.
Driving this high-impedance input with a voltage reference within its valid range sets a target for the internal VCM
error amplifier.
8.4.1 Operation from Single-Ended Sources to Differential Outputs
One of the most useful features supported by the FDA device is an easy conversion from a single-ended input to
a differential output centered on a user-controlled, common-mode level. While the output side is relatively
straightforward, the device input pins move in a common-mode sense with the input signal. This common-mode
voltage at the input pins moving with the input signal acts to increase the apparent input impedance to be greater
than the RG value. This input-active-impedance issue applies to both ac- and dc-coupled designs, and requires
somewhat more complex solutions for the resistors to account for this active impedance, as shown in the
following subsections.
8.4.1.1 AC-Coupled Signal Path Considerations for Single-Ended Input to Differential Output Conversion
When the signal path can be ac-coupled, the dc biasing for the THS452x family becomes a relatively simple task.
In all designs, start by defining the output common-mode voltage. The ac-coupling issue can be separated for the
input and output sides of an FDA design. The input can be ac-coupled and the output dc-coupled, or the output
can be ac-coupled and the input dc-coupled, or they can both be ac-coupled.
One situation where the output might be dc-coupled (for an ac-coupled input), is when driving directly into an
ADC where the VOCM control voltage uses the ADC common-mode reference to directly bias the FDA output
common-mode to the required ADC input common-mode. In any case, the design starts by setting the desired
VOCM.
When an ac-coupled path follows the output pins, the best linearity is achieved by operating VOCM at midsupply.
The VOCM voltage must be within the linear range for the common-mode loop, as specified in the headroom
specifications (approximately 0.91 V greater than the negative supply and 1.1 V less than the positive supply). If
the output path is also ac-coupled, simply letting the VOCM control pin float is usually preferred in order to get a
midsupply default VOCM bias with minimal elements. To limit noise, place a 0.1-µF decoupling capacitor on the
VOCM pin to ground.
After VOCM is defined, check the target output voltage swing to ensure that the VOCM plus the positive or negative
output swing on each side do not clip into the supplies. If the desired output differential swing is defined as VOPP,
divide by 4 to obtain the ±VP swing around VOCM at each of the two output pins (each pin operates 180° out of
phase with the other). Check that VOCM ±VP does not exceed the absolute supply rails for this rail-to-rail output
(RRO) device.
Going to the device input pins side, because both the source and balancing resistor on the non-signal input side
are dc-blocked (see Figure 74), no common-mode current flows from the output common-mode voltage, thus
setting the input common-mode equal to the output common-mode voltage.
This input headroom also sets a limit for higher VOCM voltages. Because the input VICM is the output VOCM for ac-
coupled sources, the 1.2-V minimum headroom for the input pins to the positive supply overrides the 1.1-V
headroom limit for the output VOCM. Also, the input signal moves this input VICM around the dc bias point, as
described in the section Resistor Design Equations for the Single-Ended to Differential Configuration of the FDA.
34
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com