Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 38 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 38 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments THS4521 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Rf1
480
R1
500
Rg1
120
Rg2
120
Output
Measurement
Point
THS452x
Wideband,
Fully-Differential Amplifier
Rf2
480
200-
Input Impedance
Gain of 4 V/V Design
+
–
Vs
+
–
Vcc
+
–
Vocm
Vcc
FDA
PD
(
)
G
2
R
ZA
2 1
+ a
=
+ a
F
G
G
F
G
R
1
R
ZA
2R
R
2
R
æ
ö
+
ç
÷
ç
÷
è
ø
=
+
G1
F
G2
G1
G1
F
G2
R
R
1
1
R
R
ZA
R
R
2
R
æ
öæ
ö
+
+
ç
֍
÷
ç
֍
÷
è
øè
ø
=
+
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
8.4.1.4 Input Impedance for the Single-Ended to Differential FDA Configuration
The designs so far have included a source impedance, RS, that must be matched by RT and RG1. The total
impedance at the junction of RT and RG1 for the circuit of Figure 75 is the parallel combination of RT to ground,
and the ZA (active impedance) presented by RG1. The expression for ZA, assuming RG2 is set to obtain the
differential divider balance, is given by Equation 5:
(5)
For designs that do not need impedance matching, for instance where the input is driven from the low-impedance
output of another amplifier, RG1 = RG2 is the single-to-differential design used without an RT to ground. Setting
RG1 = RG2 = RG in Equation 5 produces Equation 6, which is the input impedance of a simple-input FDA driven
from a low-impedance, single-ended source.
(6)
In this case, setting a target gain as RF / RG ≡ α, and then setting the desired input impedance allows the RG
element to be resolved first. Then the RF is set to get the target gain. For example, targeting an input impedance
of 200
Ω with a gain of 4 V/V, Equation 7 calculates the RG value. Multiplying this required RG value by a gain
of 4 gives the RF value and the design of Figure 76.
(7)
Figure 76. 200-
Ω Input Impedance, Single-Ended to Differential DC-Coupled Design With Gain of 4 V/V
After being designed, this circuit can also be ac-coupled by adding blocking caps in series with the two 120-
Ω RG
resistors. This active input impedance has the advantage of increasing the apparent load to the prior stage using
lower resistors values, leading to lower output noise for a given gain target.
38
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com