Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 50 Page - Texas Instruments

Part # THS4521
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 50 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments THS4521 Datasheet HTML 52Page - Texas Instruments THS4521 Datasheet HTML 53Page - Texas Instruments THS4521 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
THS452x
V
OUT-
V
OUT+
R
F
R
F
R
G
R
G
Single-Ended
Input
Differential
Output
V
S+
V
S-
THS452x
V
OUT-
V
IN-
V
OUT+
V
IN+
R
F
R
F
R
G
R
G
Differential
Input
Differential
Output
V
S+
V
S-
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
9.2.3 Differential Input to Differential Output Amplifier
The THS4521, THS4522, and THS4524 family are fully-differential operational amplifiers that can be used to
amplify differential input signals to differential output signals. Figure 91 shows a basic block diagram of the circuit
(VOCM and PD inputs not shown). The gain of the circuit is set by RF divided by RG.
Figure 91. Differential Input to Differential Output Amplifier
9.2.4 Single-Ended Input to Differential Output Amplifier
The THS4521, THS4522, and THS4524 family can also amplify and convert single-ended input signals to
differential output signals. Figure 92 illustrates a basic block diagram of the circuit (VOCM and PD inputs not
shown). The gain of the circuit is again set by RF divided by RG.
Figure 92. Single-Ended Input to Differential Output Amplifier
50
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com