Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 18 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 14Page - Texas Instruments THS4041CD Datasheet HTML 15Page - Texas Instruments THS4041CD Datasheet HTML 16Page - Texas Instruments THS4041CD Datasheet HTML 17Page - Texas Instruments THS4041CD Datasheet HTML 18Page - Texas Instruments THS4041CD Datasheet HTML 19Page - Texas Instruments THS4041CD Datasheet HTML 20Page - Texas Instruments THS4041CD Datasheet HTML 21Page - Texas Instruments THS4041CD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
circuit layout considerations
To achieve the levels of high frequency performance of the THS404x, follow proper printed-circuit board high
frequency design techniques. A general set of guidelines is given below. In addition, a THS404x evaluation
board is available to use as a guide for layout or for evaluating the device performance.
D Ground planes − It is highly recommended that a ground plane be used on the board to provide all
components with a low inductive ground connection. However, in the areas of the amplifier inputs and
output, the ground plane can be removed to minimize the stray capacitance.
D Proper power supply decoupling − Use a 6.8-µF tantalum capacitor in parallel with a 0.1-µF ceramic
capacitor on each supply terminal. It may be possible to share the tantalum among several amplifiers
depending on the application, but a 0.1-
µF ceramic capacitor should always be used on the supply terminal
of every amplifier. In addition, the 0.1-
µF capacitor should be placed as close as possible to the supply
terminal. As this distance increases, the inductance in the connecting trace makes the capacitor less
effective. The designer should strive for distances of less than 0.1 inches between the device power
terminals and the ceramic capacitors.
D Sockets − Sockets are not recommended for high-speed operational amplifiers. The additional lead
inductance in the socket pins will often lead to stability problems. Surface-mount packages soldered directly
to the printed-circuit board is the best implementation.
D Short trace runs/compact part placements − Optimum high frequency performance is achieved when stray
series inductance has been minimized. To realize this, the circuit layout should be made as compact as
possible, thereby minimizing the length of all trace runs. Particular attention should be paid to the inverting
input of the amplifier. Its length should be kept as short as possible. This will help to minimize stray
capacitance at the input of the amplifier.
D Surface-mount passive components − Using surface-mount passive components is recommended for high
frequency amplifier circuits for several reasons. First, because of the extremely low lead inductance of
surface-mount components, the problem with stray series inductance is greatly reduced. Second, the small
size of surface-mount components naturally leads to a more compact layout, thereby minimizing both stray
inductance and capacitance. If leaded components are used, it is recommended that the lead lengths be
kept as short as possible.
general PowerPAD design considerations
The THS404x is available packaged in a thermally-enhanced DGN package, which is a member of the
PowerPAD family of packages. This package is constructed using a downset leadframe upon which the die is
mounted [see Figure 69(a) and Figure 69(b)]. This arrangement results in the lead frame being exposed as a
thermal pad on the underside of the package [see Figure 69(c)]. Because this thermal pad has direct thermal
contact with the die, excellent thermal performance can be achieved by providing a good thermal path away
from the thermal pad.
The PowerPAD package allows for both assembly and thermal management in one manufacturing operation.
During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package. Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either a ground plane or other heat dissipating device.
The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of the
surface mount with the, heretofore, awkward mechanical methods of heatsinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com