Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 29 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 25Page - Texas Instruments THS4041CD Datasheet HTML 26Page - Texas Instruments THS4041CD Datasheet HTML 27Page - Texas Instruments THS4041CD Datasheet HTML 28Page - Texas Instruments THS4041CD Datasheet HTML 29Page - Texas Instruments THS4041CD Datasheet HTML 30Page - Texas Instruments THS4041CD Datasheet HTML 31Page - Texas Instruments THS4041CD Datasheet HTML 32Page - Texas Instruments THS4041CD Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
PowerPAD
HVSSOP - 1.1 mm max height
DGN 8
SMALL OUTLINE PACKAGE
3 x 3, 0.65 mm pitch
4225482/B
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com