Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 14 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 10Page - Texas Instruments THS4041CD Datasheet HTML 11Page - Texas Instruments THS4041CD Datasheet HTML 12Page - Texas Instruments THS4041CD Datasheet HTML 13Page - Texas Instruments THS4041CD Datasheet HTML 14Page - Texas Instruments THS4041CD Datasheet HTML 15Page - Texas Instruments THS4041CD Datasheet HTML 16Page - Texas Instruments THS4041CD Datasheet HTML 17Page - Texas Instruments THS4041CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
_
+
RF
RS
RG
eRg
eRf
eRs
en
IN+
Noiseless
IN−
eni
eno
Figure 63. Noise Model
The total equivalent input noise density (eni) is calculated by using the following equation:
e
ni +
en
2
) IN )
R
S
2
) IN–
R
F ø
R
G
2
) 4kTRs ) 4kT RF ø RG
Where:
k = Boltzmann’s constant = 1.380658
× 10−23
T = Temperature in degrees Kelvin (273 +
°C)
RF || RG = Parallel resistance of RF and RG
To get the equivalent output noise of the amplifier, just multiply the equivalent input noise density (eni) by the
overall amplifier gain (AV).
eno + eni AV + eni 1 )
R
F
R
G
(noninverting case)
As the previous equations show, to keep noise at a minimum, small value resistors should be used. As the
closed-loop gain is increased (by reducing RG), the input noise is reduced considerably because of the parallel
resistance term. This leads to the general conclusion that the most dominant noise sources are the source
resistor (RS) and the internal amplifier noise voltage (en). Because noise is summed in a root-mean-squares
method, noise sources smaller than 25% of the largest noise source can be effectively ignored. This can greatly
simplify the formula and make noise calculations much easier to calculate.
For more information on noise analysis, please refer to the Noise Analysis section in Operational Amplifier
Circuits Applications Report (literature number SLVA043).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com