Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 2Page - Texas Instruments THS4041CD Datasheet HTML 3Page - Texas Instruments THS4041CD Datasheet HTML 4Page - Texas Instruments THS4041CD Datasheet HTML 5Page - Texas Instruments THS4041CD Datasheet HTML 6Page - Texas Instruments THS4041CD Datasheet HTML 7Page - Texas Instruments THS4041CD Datasheet HTML 8Page - Texas Instruments THS4041CD Datasheet HTML 9Page - Texas Instruments THS4041CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
f − Frequency − Hz
1M
100k
1k
10k
−60
0
−150
−30
−90
−120
−180
10M
1G
100M
VCC = ±15 V and ±5 V
Gain
Phase
100
80
60
40
−20
20
0
Figure 4
1
0
−1
−2
−3
−6
−4
−5
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
1G
VCC = ±15 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
RL = 150 Ω
RL = 1 kΩ
Figure 5
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
1G
10M
100k
1M
100M
RL = 150 Ω
RL = 1 kΩ
0.3
0.2
0.1
−0.0
−0.1
−0.4
−0.2
−0.3
0.4
VCC = ±15 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
Figure 6
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
−2
−10
−6
10
4
2
0
−8
8
−4
6
CL = 1000 pF
CL = 0.1 µF
CL = 0 pF
CL = 100 pF
Figure 7
4
2
0
−2
−4
−10
−6
−8
6
8
10
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
CL = 10 pF
CL = 0.01 µF
Figure 8
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
VCC = ±5 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
100M
RL = 150 Ω
RL = 1 kΩ
2
0
−1
−2
−3
−6
−4
−5
1
Figure 9
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
VCC = ±5 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
100M
RL = 150 Ω
RL = 1 kΩ
0.4
0.2
0.1
−0.0
−0.1
−0.4
−0.2
−0.3
0.3
Figure 10
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
CL = 1000 pF
CL = 0.1 µF
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
4
2
0
−2
−4
−10
−6
−8
6
8
10
VO(PP)=62 mV
CL = 0 pF
CL = 100 pF
Figure 11
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
CL = 10 pF
CL = 0.01 µF
10
2
0
−2
−4
−10
−6
−8
4
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com