Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 30 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 26Page - Texas Instruments THS4041CD Datasheet HTML 27Page - Texas Instruments THS4041CD Datasheet HTML 28Page - Texas Instruments THS4041CD Datasheet HTML 29Page - Texas Instruments THS4041CD Datasheet HTML 30Page - Texas Instruments THS4041CD Datasheet HTML 31Page - Texas Instruments THS4041CD Datasheet HTML 32Page - Texas Instruments THS4041CD Datasheet HTML 33Page - Texas Instruments THS4041CD Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X 0.65
2X
1.95
8X
0.38
0.25
5.05
4.75
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.1 MAX
0.23
0.13
1.57
1.28
1.89
1.63
B
3.1
2.9
NOTE 4
A
3.1
2.9
NOTE 3
0.7
0.4
PowerPAD VSSOP - 1.1 mm max height
DGN0008D
SMALL OUTLINE PACKAGE
4225481/A 11/2019
1
4
5
8
0.13
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-187.
PowerPAD is a trademark of Texas Instruments.
TM
A 20
DETAIL A
TYPICAL
SCALE 4.000
EXPOSED THERMAL PAD
1
4
5
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com