Electronic Components Datasheet Search
  English  ▼

X  

THS4041CD Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4041CD Datasheet HTML 1Page - Texas Instruments THS4041CD Datasheet HTML 2Page - Texas Instruments THS4041CD Datasheet HTML 3Page - Texas Instruments THS4041CD Datasheet HTML 4Page - Texas Instruments THS4041CD Datasheet HTML 5Page - Texas Instruments THS4041CD Datasheet HTML 6Page - Texas Instruments THS4041CD Datasheet HTML 7Page - Texas Instruments THS4041CD Datasheet HTML 8Page - Texas Instruments THS4041CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
noise/distortion performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 150 Ω
−75
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ±15 V
RL = 1 kΩ
−89
dBc
THD
Total harmonic distortion
VO(pp) = 2 V,
f = 1 MHz, Gain = 2
VCC = ±5 V
RL = 150 Ω
−75
dBc
f = 1 MHz, Gain = 2
VCC = ±5 V
RL = 1 kΩ
−86
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
14
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
0.9
pA/
√Hz
Differential gain error
Gain = 2,
NTSC,
VCC = ±15 V
0.01%
Differential gain error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp V
CC = ±5 V
0.01%
Differential phase error
Gain = 2,
NTSC,
VCC = ±15 V
0.01
°
Differential phase error
Gain = 2,
40 IRE modulation,
NTSC,
±100 IRE ramp V
CC = ±5 V
0.02
°
Channel-to-channel crosstalk
(THS4042 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
Gain = 2
−64
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
dc performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V,
VO = ±10 V,
TA = 25°C
74
80
Open loop gain
VCC = ±15 V,
VO = ±10 V,
RL = 1 k Ω
TA = full range
69
dB
Open loop gain
VCC = ±5 V,
VO = ±2.5 V,
TA = 25°C
69
76
dB
VCC = ±5 V,
VO = ±2.5 V,
RL = 250 Ω
TA = full range
66
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = 25°C
2.5
10
mV
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
13
mV
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
10
µV/°C
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = 25°C
2.5
6
A
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = 25°C
35
250
nA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset current drift
TA = full range
0.3
nA/
°C
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
input characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8 ±14.3
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
70
90
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
80
100
dB
ri
Input resistance
1
M
Ω
Ci
Input capacitance
1.5
pF
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com