Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 2 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 25
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 34
2
Applications ........................................................... 1
8.5
Programming........................................................... 40
3
Description ............................................................. 1
9
Application and Implementation ........................ 41
4
Revision History..................................................... 2
9.1
Application Information............................................ 41
5
Device Comparison Table..................................... 3
9.2
Typical Applications ............................................... 41
6
Pin Configuration and Functions ......................... 4
10
Power Supply Recommendations ..................... 51
7
Specifications......................................................... 7
11
Layout................................................................... 51
7.1
Absolute Maximum Ratings ...................................... 7
11.1
Layout Guidelines ................................................. 51
7.2
ESD Ratings ............................................................ 7
11.2
Layout Example .................................................... 52
7.3
Recommended Operating Conditions ....................... 7
12
Device and Documentation Support ................. 53
7.4
Thermal Information .................................................. 7
12.1
Device Support...................................................... 53
7.5
Electrical Characteristics: VS+ – VS– = 3.3 V ............ 8
12.2
Related Links ........................................................ 53
7.6
Electrical Characteristics: VS+ – VS– = 5 V ............. 10
12.3
Community Resources.......................................... 53
7.7
Typical Characteristics ............................................ 12
12.4
Trademarks ........................................................... 53
7.8
Typical Characteristics: VS+ – VS– = 3.3 V.............. 14
12.5
Electrostatic Discharge Caution ............................ 53
7.9
Typical Characteristics: 5 V .................................... 19
12.6
Glossary ................................................................ 53
8
Detailed Description ............................................ 24
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 24
Information ........................................................... 53
8.2
Functional Block Diagram ....................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (December 2014) to Revision H
Page
•
Changed capacitor units in front page diagram from mF to µF (typo) ................................................................................... 1
•
Changed RF and RG unit in front page FFT plot from kW to k
Ω (typo)................................................................................. 1
•
Changed Absolute Maximum Ratings minimum storage temperature value from 65 to –65 (typo) ..................................... 7
•
Added Community Resources section ................................................................................................................................. 53
Changes from Revision F (September 2011) to Revision G
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision E (December 2010) to Revision F
Page
•
Changed Input Offset Current values in 3.3 V Electrical Characteristics ............................................................................... 8
•
Changed Input Offset Current Drift values in 3.3 V Electrical Characteristics ....................................................................... 8
•
Changed Input Offset Current values in 5 V Electrical Characteristics ................................................................................ 11
•
Changed Input Offset Current Drift values in 5 V Electrical Characteristics ........................................................................ 11
•
Changed R41 and R42 in Figure 79..................................................................................................................................... 42
Changes from Revision D (August 2010) to Revision E
Page
•
Changed test level indication for 5-V input offset voltage drift from B to C.......................................................................... 10
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com