Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 49 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 49 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 45Page - Texas Instruments THS4541 Datasheet HTML 46Page - Texas Instruments THS4541 Datasheet HTML 47Page - Texas Instruments THS4541 Datasheet HTML 48Page - Texas Instruments THS4541 Datasheet HTML 49Page - Texas Instruments THS4541 Datasheet HTML 50Page - Texas Instruments THS4541 Datasheet HTML 51Page - Texas Instruments THS4541 Datasheet HTML 52Page - Texas Instruments THS4541 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-160
0
10 k
20 k
30 k
40 k
50 k
Frequency (Hz)
V = 5.0 V
G = 1 V/V
R =
1 k
S
F
R =
Load = 2 x 49.9
+ 2 pF
G
W
W
10-kHz FFT
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
10-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
1-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
10-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
9.2.2.3 Application Curves
The application curves below apply to the ADS14278 test.
Figure 88. 10-kHz FFT
Figure 87. 1-kHz FFT
The application curves below apply to the ADS8321 test.
Figure 89. 2-kHZ FFT
Figure 90. 10-kHz FFT
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com