Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments THS4541 Datasheet HTML 12Page - Texas Instruments THS4541 Datasheet HTML 13Page - Texas Instruments THS4541 Datasheet HTML 14Page - Texas Instruments THS4541 Datasheet HTML 15Page - Texas Instruments THS4541 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
7.7 Typical Characteristics
Table 2. Table of Graphs: VS+ – VS– = 3.3 V
FIGURE
Small-Signal Frequency Response
Figure 1
Large-Signal Frequency Response
Figure 2
Large- and Small-Signal Pulse Response
Figure 3
Slew Rate vs VOUT Step
Figure 4
Overdrive Recovery
Figure 5
10-kHz Output Spectrum on AP Analyzer
Figure 6
Harmonic Distortion vs Frequency
Figure 7
Harmonic Distortion vs Output Voltage at 1 MHz
Figure 8
Harmonic Distortion vs Gain at 1 MHz
Figure 9
Harmonic Distortion vs Load at 1 MHz
Figure 10
Harmonic Distortion vs VOCM at 1 MHz
Figure 11
Two-Tone, Second- and Third-Order Intermodulation Distortion vs Frequency
Figure 12
Single-Ended Output Voltage Swing vs Load Resistance
Figure 13
Main Amplifier Differential Output Impedance vs Frequency
Figure 14
Frequency Response vs CLOAD (RLOAD = 1 kΩ)
Figure 15
RO vs CLOAD (RLOAD = 1 kΩ)
Figure 16
Rejection Ratio vs Frequency
Figure 17
THS4522, THS4524 Crosstalk (Measured Differentially)
Figure 18
Turn-on Time
Figure 19
Turn-off Time
Figure 20
Input-Referred Voltage Noise and Current Noise Spectral Density
Figure 21
Main Amplifier Differential Open-Loop Gain and Phase
Figure 22
Output Balance Error vs Frequency
Figure 23
VOCM Small-Signal Frequency Response
Figure 24
VOCM Large-Signal Frequency Response
Figure 25
VOCM Input Impedance vs Frequency
Figure 26
12
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com