Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 59 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 59 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 55Page - Texas Instruments THS4541 Datasheet HTML 56Page - Texas Instruments THS4541 Datasheet HTML 57Page - Texas Instruments THS4541 Datasheet HTML 58Page - Texas Instruments THS4541 Datasheet HTML 59Page - Texas Instruments THS4541 Datasheet HTML 60Page - Texas Instruments THS4541 Datasheet HTML 61Page - Texas Instruments THS4541 Datasheet HTML 62Page - Texas Instruments THS4541 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
www.ti.com
PACKAGE OUTLINE
C
38 X 0.5
2X
9
38 X
0.23
0.17
1.2 MAX
0.15
0.05
0.25
GAGE PLANE
-8
0
B
4.45
4.35
NOTE 4
A
9.75
9.65
NOTE 3
0.75
0.50
(0.15) TYP
TSSOP - 1.2 mm max height
DBT0038A
SMALL OUTLINE PACKAGE
1
19
20
38
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
SEATING
PLANE
A 20
DETAIL A
TYPICAL
SCALE 2.000
4220221/A 05/2020
6.55
6.25
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com