Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 28 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 24Page - Texas Instruments THS4541 Datasheet HTML 25Page - Texas Instruments THS4541 Datasheet HTML 26Page - Texas Instruments THS4541 Datasheet HTML 27Page - Texas Instruments THS4541 Datasheet HTML 28Page - Texas Instruments THS4541 Datasheet HTML 29Page - Texas Instruments THS4541 Datasheet HTML 30Page - Texas Instruments THS4541 Datasheet HTML 31Page - Texas Instruments THS4541 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
THS452x
499 W
1kW
1kW
1kW
1kW
52.3 W
52.3 W
499 W
V
OCM
PD
Open
Open
Open
49.9 W
49.9 W
Step
Input
ToOscilloscope
50-
Input
W
V
S+
V
S-
0.22 F
m
THS452x
1 kW
1 kW
V
OCM
PD
Open
Open
Open
Measurement
Point for Bandwidth
Measurement
Point for Z
IN
Calibrated
Differential
Probe
Across
49.9
Resistor
R
CM
From
Network
Analyzer
1 k
1 k
49.9
49.9
49.9
499
499
V
S+
0.22 F
V
S
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
8.3.5 VOCM Input
The circuit illustrated in Figure 59 is used to measure the frequency response and skew rate of the VOCM input.
Frequency
response
is
measured
using
a
Tektronix
high-impedance
differential
probe,
with
RCM = 0 Ω at the common point of VOUT+ and VOUT–, formed at the summing junction of the two matched 499-Ω
resistors, with respect to ground. The input impedance is measured using a Tektronix high-impedance differential
probe at the VOCM input with RCM = 10 kΩ and the drop across the 10-kΩ resistor is used to calculate the
impedance seen looking into the amplifier VOCM input.
The circuit shown in Figure 60 measures the transient response and slew rate of the VOCM input. A 1-V step input
is applied to the VOCM input and the output is measured using a 50-Ω oscilloscope input referenced back to the
amplifier output.
Figure 59. VOCM Input Test Circuit
Figure 60. VOCM Transient Response and Slew Rate Test Circuit
28
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com