Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 39 Page - Texas Instruments

Part # THS4541
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 35Page - Texas Instruments THS4541 Datasheet HTML 36Page - Texas Instruments THS4541 Datasheet HTML 37Page - Texas Instruments THS4541 Datasheet HTML 38Page - Texas Instruments THS4541 Datasheet HTML 39Page - Texas Instruments THS4541 Datasheet HTML 40Page - Texas Instruments THS4541 Datasheet HTML 41Page - Texas Instruments THS4541 Datasheet HTML 42Page - Texas Instruments THS4541 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Rf1
1 k
R1
500
Rg1
250
Rg2
250
Output
Measurement
Point
THS452x
Wideband,
Fully-Differential Amplifier
Rf2
1 k
C1
100 nF
C2
100 nF
Downconverter
Differential
Output
Rm
125
+
–
Vcc
+
–
Vocm
Vcc
FDA
PD
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
8.4.2 Differential-Input to Differential-Output Operation
In many ways, this method is a much simpler way to operate the FDA from a design-equations perspective.
Again, assuming the two sides of the circuit are balanced with equal RF and RG elements, the differential input
impedance is now just the sum of the two RG elements to a differential inverting summing junction. In these
designs, the input common-mode voltage at the summing junctions does not move with the signal, but must be
dc biased in the allowable range for the input pins with consideration given to the voltage headroom required
from each supply. Slightly different considerations apply to ac- or dc-coupled, differential-in to differential-out
designs, as described in the following sections.
8.4.2.1 AC-Coupled, Differential-Input to Differential-Output Design Issues
There are two typical ways to use the THS452x family with an ac-coupled differential source. In the first method,
the source is differential and can be coupled in through two blocking capacitors. The second method uses either
a single-ended or a differential source and couples in through a transformer (or balun). Figure 77 shows a typical
blocking capacitor approach to a differential input. An optional differential-input termination resistor (RM) is
included in this design. This RM element allows the input RG resistors to be scaled up while still delivering lower
differential input impedance to the source. In this example, the RG elements sum to show a 500-Ω differential
impedance, while the RM element combines in parallel to give a net 100-Ω, ac-coupled, differential impedance to
the source. Again, the design proceeds ideally by selecting the RF element values, then the RG to set the
differential gain, then an RM element (if needed) to achieve the target input impedance. Alternatively, the RM
element can be eliminated, the RG elements set to the desired input impedance, and RF set to the get the
differential gain (RF / RG).
Figure 77. Example Down-Converting Mixer Delivering an AC-Coupled Differential Signal to the THS452x
The dc biasing here is very simple. The output VOCM is set by the input control voltage; and because there is no
dc-current path for the output common-mode voltage, that dc bias also sets the input pins common-mode
operating points.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com