Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV3202
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3202 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3202 Datasheet HTML 1Page - Texas Instruments TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Device Comparison Table
DEVICE
DESCRIPTION
TLV3011
5µA (maximum) open-drain, 1.8V to 5.5V with integrated voltage reference in 1.5mm × 1.5mm micro-sized
packages
TLV3012
5µA (maximum) push-pull, 1.8V to 5.5V with integrated voltage reference in micro-sized packages
TLV3501
4.5ns, rail-to-rail, push-pull comparator in micro-sized packages
LMV7235
75ns, 65µA, 2.7V to 5.5V, rail-to-rail input comparator with open-drain output
REF3333
30ppm/°C drift, 3.9µA, SOT23-3, SC70-3 voltage reference
5 Pin Configuration and Functions
V
CC
IN
-
OUT
GND
IN+
1
2
3
5
4
Figure 5-1. TLV3201 DCK and DBV Packages 5-Pin SC70-5 and SOT-23 Top View
Pin Functions: TLV3201
PIN
I/O
DESCRIPTION
NAME
NO.
GND
2
—
Negative supply, ground
IN–
4
I
Negative input
IN+
3
I
Positive input
OUT
1
O
Output
VCC
5
—
Positive supply
1
2
3
4
8
7
6
5
V
CC
2OUT
2IN
-
2IN+
1OUT
1IN
-
1IN+
GND
Figure 5-2. TLV3202 D and DGK Packages 8-Pin SOIC and VSSOP Top View
Pin Functions: TLV3202
PIN
I/O
DESCRIPTION
NAME
NO.
1IN–
2
I
Negative input, comparator 1
1IN+
3
I
Positive input, comparator 1
1OUT
1
O
Output, comparator 1
2IN–
6
I
Negative input, comparator 2
2IN+
5
I
Positive input, comparator 2
2OUT
7
O
Output, comparator 2
GND
4
—
Negative supply, ground
VCC
8
—
Positive supply
www.ti.com
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com