Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV3202
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments TLV3202 Datasheet HTML 15Page - Texas Instruments TLV3202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV3201 and TLV3202 are single- and dual-supply (respectively), push-pull comparators featuring 40ns of
propagation delay on only 40µA of supply current. This combination of fast response time and minimal power
consumption make the TLV3201 and TLV3202 excellent comparators for portable, battery-powered applications
as well as fast-switching threshold detection such as pulse-width modulation (PWM) output monitors and zero-
cross detection.
8.1.1 Comparator Inputs
The TLV3201 and TLV3202 are rail-to-rail input comparators, with an input common-mode range that exceeds
the supply rails by 200mV for both positive and negative supplies. The devices are specified from 2.7V to 5.5V,
with room temperature operation from 2.5V to 5.5V. The TLV3201 and TLV3202 are designed to prevent phase
inversion when the input pins exceed the supply voltage. Figure 8-1 shows the TLV320x response when input
voltages exceed the supply, resulting in no phase inversion.
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Output Voltage
Input Voltage
G000
Figure 8-1. No Phase Inversion: Comparator Response to Input Voltage (Propagation Delay Included)
The electrostatic discharge (ESD) protection input structure of two back-to-back diodes and 1kΩ series resistors
are used to limit the differential input voltage applied to the precision input of the comparator by clamping
input voltages that exceed VCC beyond the specified operating conditions. If potential overvoltage conditions
that exceed absolute maximum ratings are present, the addition of external bypass diodes and resistors is
recommended, as shown in Figure 8-2. Large differential voltages greater than the supply voltage must be
avoided to prevent damage to the input stage.
Core
-In
+In
Clamp
1 kW
1 kW
Copyright © 2016, Texas Instruments Incorporated
Figure 8-2. TLV3201 Equivalent Input structure
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com