Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV3202
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3202 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VCC = 5V, and input overdrive (VOD) = 20mV (unless otherwise noted)
Figure 6-13. Quiescent Current vs Switching Frequency
10
20
30
40
50
60
70
80
90
−40
−15
10
35
60
85
110 125
Temperature (°C)
ISC, Source: VCC = 5 V
ISC, Sink: VCC = 5 V
ISC, Sink: VCC = 2.7 V
ISC, Source: VCC = 2.7 V
G014
Figure 6-14. Short-Circuit Current vs Temperature
−2.8
−2.4
−2
−1.6
−1.2
−0.8
−0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
5
10
15
20
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 2.7 V
Sinking Current
Sourcing Current
G015
Figure 6-15. Output Voltage vs Output Current
−5.9
−4.7
−3.5
−2.3
−1.1
0.1
1.3
2.5
3.7
4.9
5.9
0
10
20
30
40
50
60
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 5.5 V
Sinking Current
Sourcing Current
G017
Figure 6-16. Output Voltage vs Output Current
20
40
60
80
100
120
140
160
180
200
220
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G000
Figure 6-17. Propagation Delay Falling Edge
20
40
60
80
100 120 140 160 180 200 220 240
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G019
Figure 6-18. Propagation Delay Rising Edge
www.ti.com
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com